Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC92071LCML Arkusz danych(PDF) 9 Page - Torex Semiconductor

Numer części XC92071LCML
Szczegółowy opis  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC92071LCML Arkusz danych(HTML) 9 Page - Torex Semiconductor

Back Button XC92071LCML Datasheet HTML 5Page - Torex Semiconductor XC92071LCML Datasheet HTML 6Page - Torex Semiconductor XC92071LCML Datasheet HTML 7Page - Torex Semiconductor XC92071LCML Datasheet HTML 8Page - Torex Semiconductor XC92071LCML Datasheet HTML 9Page - Torex Semiconductor XC92071LCML Datasheet HTML 10Page - Torex Semiconductor XC92071LCML Datasheet HTML 11Page - Torex Semiconductor XC92071LCML Datasheet HTML 12Page - Torex Semiconductor XC92071LCML Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
XC9206 / 9207/ 9208 Series
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
# Application Information (Continued)
Ipk = (VIN - VOUT) x On Duty / (2 x L x FOSC) + IOUT
OnDuty
: OnDuty ratio of Pch Driver Transistor
L
: Coil Inductance Value
FOSC
: Oscillation Frequency
$ The increase of ripple voltage (1.2MHz)
1 VIN=4.2V, VOUT=1.8V, IOUT=180mA
2 VIN=4.2V, VOUT=1.8V, IOUT=60mA
3 VIN=3.6V, VOUT=1.8V, IOUT=30mA
L
: 4.7µH
CDRH3D16 SUMIDA
SD
: CRS02
TOSHIBA
CIN
: 4.7µF
Ceramic
CL
: 10µF
Ceramic
7. When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
5. With the IC, the peak current of the coil is controlled by the current limit circuit. Since the peak current increases when dropout voltage or load
current is high, current limit starts operating, and this can lead to instability. When peak current becomes high, please adjust the coil inductance
value and fully check the circuit operation. In addition, please calculate the peak current according to the following formula:
6. When the peak current which exceeds limit current flows within the specified time, the built-in Pch driver transistor is turned off. During the time
until it detects limit current and before the built-in transistor can be turned off, the current for limit current flows; therefore, care must be taken when
selecting the rating for the coil or the schottky diode.
9. Use of the IC at voltages below the recommended voltage range may lead to instability.
10. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device.
8. Care must be taken when laying out the PC Board, in order to prevent misoperation of the current limit mode. Depending on the state of the PC
Board, latch time may become longer and latch operation may not work. In order to avoid the effect of noise, the board should be laid out so that
capacitors are placed as close to the chip as possible.
Semiconductor Ltd.
CH1:Lx
CH2:VOUT
AC-COUPLED
CH1:Lx
CH2:VOUT
AC-COUPLED
CH1:Lx
CH2:VOUT
AC-COUPLED
11. Depending on the input-output voltage differential, or load current, some pulses may be skipped, and the ripple voltage may increase.
When the series' duty cycle is digitally signalized, the linear duty cycle and the digitally signalized duty cycle cannot carry out completely the same
change, which means that the duty cycle does not change linearly. The output is stabilized by applying the phase compensation and adjusting the
duty cycle, even when the duty cycle loses the linear change in the whole circuit.
When the state where the output was stabilized is continued by applying phase compensation to duty cycle which lost linearity, ripple voltage does
not increase more than it.
The ripple voltage may increase to about several 10mV according to operating conditions. It is possible, by increasing the capacitance values, to
reduce the ripple voltage. The operating conditions are greatly influenced by the dropout voltage, the load current, the delay-time, or the external
components, such as the coil inductance, and the capacitance values. Verification with actual parts should be done.
Data Sheet
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com