Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC92071LCML Arkusz danych(PDF) 6 Page - Torex Semiconductor

Numer części XC92071LCML
Szczegółowy opis  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC92071LCML Arkusz danych(HTML) 6 Page - Torex Semiconductor

Back Button XC92071LCML Datasheet HTML 2Page - Torex Semiconductor XC92071LCML Datasheet HTML 3Page - Torex Semiconductor XC92071LCML Datasheet HTML 4Page - Torex Semiconductor XC92071LCML Datasheet HTML 5Page - Torex Semiconductor XC92071LCML Datasheet HTML 6Page - Torex Semiconductor XC92071LCML Datasheet HTML 7Page - Torex Semiconductor XC92071LCML Datasheet HTML 8Page - Torex Semiconductor XC92071LCML Datasheet HTML 9Page - Torex Semiconductor XC92071LCML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
XC9206 / 9207/ 9208 Series
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
" ELECTRICAL CHARACTERISTICS
XC9206A25CMR, XC9207A25CMR, XC9208A25CMR
VOUT=2.5V, FOSC=1.2MHz, Ta=25
OC
(XC9206, 9207)
VOUT=0V, When CE voltage is
(XC9206, XC9207)
Test condition : Unless otherwise stated, VIN = 3.6V
*1
Including Hysteresis operating voltage range.
*2
EFFI = [ (Output Voltage x Output Current) / (Input Voltage x Input Current) ] x 100
*3
On resistance = VLX (measurement voltage) / 0.4
*4
*5 Time until it short-circuits VOUT with GND through 1 Ω of resistance from a state of operation and is set to VOUT=0V from current limit pulse
generating.
Latch Time
Tlat
When connected to ext. components (XC9208 only)
When connected to ext. components
CE "L" Voltage
VCEL
Soft start time
TSS
CE "H" Current
ICEH
PWM "L" Voltage
VPWML
0.9
VOUT=0V, When CE voltage is applied Lx determine "L"
VSS
(XC9208)
applied Lx determine "H"
Efficiency (*2)
EFFI
When connected to ext. components, CE=VIN, IOUT=100mA
1.2
1
2.0
-
-
6.0
V
Output Voltage
PARAMETER
SYMBOL
VOUT
Maximum Output Current
UNIT
MIN
TYP
CIRCUIT
CONDITIONS
IOUTMAX
1.8
Operating Voltage Range
VIN
(XC9208)
Supply Current 1
IDD1
CE=VIN, VOUT=0V,
Voltage which Lx pin voltage holding "L" level (*1)
U.V.L.O Voltage
VUVLO
CE=VIN, VOUT=fixed voltage x 0.9V
Supply Current 2
IDD2
Stand-by Current
Istb
Maximum Duty Cycle
MAXDTY
CE=VIN, VOUT=0V
Oscillation Frequency
FOSC
When connected to ext. components
(XC9207, XC9208 only), CE=VIN, IOUT=1mA
PFM pulse width rate
PFMDTY
%
1
30
36
Minimum Duty Cycle
MINDTY
PWM "H" Voltage
VPWMH
Lx SW ON Resistance
RLx
CE "H" Voltage
VCEH
Current Limit
ILIM
CE "L" Current
ICEL
The CE/MODE pin of the XC9208A series works also as an external PWM control and PWM/PFM control switching pin. When the IC is in
the operation, control is switched to the PWM mode when the CE/MODE pin voltage is equal to or greater than VIN minus 0.3 V, and to the
automatic PWM/PFM switching mode when the CE/MODE pin voltage is equal to or lower than VIN minus 1.0 V and equal to or greater
than VCEH.
CE=VOUT=VIN
CE=VIN, VOUT=0V, ILx=400mA (*3)
CE=VIN, VOUT=fixed voltage x 1.1V
1
CE=VIN, IOUT=30mA
MAX
1.00
mA
1
When connected to ext. components
2.450
2.500
2.550
V
6.0
When connected to ext. components
500
-
-
1.40
1.78
V
2
CE=VSS, VOUT=fixed voltage x 1.1V
µA
µA
3
158
µA
3
413
1
-
100
3
When connected to ext. components
1.020
1.200
1.380
MHz
1
CE=VIN, IOUT=30mA
24
255
-98
-0
-
1
%
2
%
2
0
--
Ω
91
%
-
4
VIN=CE=5.0V, VOUT=0V
-
600
-
mA
4
-
0.4
0.9
5
-
VIN
V
5
-
VIN
--
V
-
0.3
V
1
IOUT=1mA (*4)
When connected to ext. components (XC9208 only)
-
-
VIN-1.0
V
1
IOUT=1mA (*4)
VIN-0.3
-
0.1
µA
CE=0V, VIN=5.5V, VOUT=0V
-0.1
-
0.1
CE=VIN=5.5V, VOUT=0V
-0.1
6.0
ms
5
µA
5
1
CE=0V
! VIN, IOUT=1mA
When connected to ext. components
--
0.8
-
12.0
ms
6
VIN=CE=5.0V, short VOUT by 1
Ω resistance (*5)
Semiconductor Ltd.
Data Sheet
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com