Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC92071LCML Arkusz danych(PDF) 14 Page - Torex Semiconductor

Numer części XC92071LCML
Szczegółowy opis  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC92071LCML Arkusz danych(HTML) 14 Page - Torex Semiconductor

Back Button XC92071LCML Datasheet HTML 7Page - Torex Semiconductor XC92071LCML Datasheet HTML 8Page - Torex Semiconductor XC92071LCML Datasheet HTML 9Page - Torex Semiconductor XC92071LCML Datasheet HTML 10Page - Torex Semiconductor XC92071LCML Datasheet HTML 11Page - Torex Semiconductor XC92071LCML Datasheet HTML 12Page - Torex Semiconductor XC92071LCML Datasheet HTML 13Page - Torex Semiconductor XC92071LCML Datasheet HTML 14Page - Torex Semiconductor XC92071LCML Datasheet HTML 15Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
XC9206 / 9207/ 9208 Series
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
(2) Efficiency vs. Output Current
XC9208A18C
VOUT=1.8V (Oscillation Frequency 1.2MHz)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT (mA)
VIN=2.4V
3.6V
4.2V
PWM/PFM
Switching Control
PWM
Control
XC9208A186
VOUT=1.8V (Oscillation Frequency 600kHz)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT (mA)
VIN=2.4V
3.6V
4.2V
PWM/PFM Switching
Control
PWM
Control
CIN:4.7
µF,CL:10µF, L:10µH(CDRH4D18C),
SD:CRS02, Topr=25
OC
XC9208A183
VOUT=1.8V (Oscillation Frequency 300kHz)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current IOUT (mA)
VIN=2.4V
3.6V
4.2V
PWM/PFM
Switching Control
PWM Control
CIN:4.7
µF,CL:10µF, L:4.7µH(CDRH3D16),
SD:CRS02, Topr=25
OC
CIN:4.7
µF,CL:10µF, L:22µH(CDRH4D28C),
SD:CRS02, Topr=25
OC
Semiconductor Ltd.
Data Sheet
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com