Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1286870000 Arkusz danych(PDF) 2 Page - Weidmuller

Numer części 1286870000
Szczegółowy opis  Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEIDMULLER [Weidmuller]
Strona internetowa  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1286870000 Arkusz danych(HTML) 2 Page - Weidmuller

  1286870000 Datasheet HTML 1Page - Weidmuller 1286870000 Datasheet HTML 2Page - Weidmuller 1286870000 Datasheet HTML 3Page - Weidmuller 1286870000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet
 
IE-SW-VL08T-6GT-2GS
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:24:52 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
105 mm
  Depth (inches)
4.134 inch
Height
135 mm
  Height (inches)
5.315 inch
Width
52.85 mm
  Width (inches)
2.081 inch
Net weight
630 g
   
 
Temperatures
 
Storage temperature
-40 °C...85 °C
  Operating temperature
-40 °C...75 °C
Humidity
5 to 95 % (non-
condensing)
   
 
Environmental Product Compliance
 
REACH SVHC
Lead 7439-92-1
   
 
EMC conformity and approvals
 
EMC standards
EN 55032, EN 55024,
CISPR 32, FCC Part
15 Subpart B Class A,
IEC 61000-4-2 ESD:
Contact: 6 kV; Air: 8 kV,
IEC 61000-4-3 RS: 80
MHz to 1 Ghz: 10 V/m, IEC
61000-4-4 EFT: Power:
2 kV; Signal: 2 kV, IEC
61000-4-5 Surge: Power:
2 kV; Signal: 2 kV, IEC
61000-4-6 CS: 10 V, IEC
61000-4-8
  Explosive risk zone
UL/cUL, Class I, Division
2, Groups A, B, C and D,
ATEX Zone 2 Ex nA nC IIC
T4 Gc
Free fall
According to IEC
60068-2-32
  Safety standard
UL508, EN 60950-1
Ship use
DNV-GL
  Shock
according to IEC
60068-2-27
Vibration
according to IEC
60068-2-6
   
 
Environmental conditions
 
Humidity
5 to 95 % (non-
condensing)
  Operating temperature, max.
75 °C
Operating temperature, min.
-40 °C
  Storage temperature, max.
85 °C
Storage temperature, min.
-40 °C
   
 
Guarantee
 
Time interval
5 years
   
 



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com