Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1286870000 Arkusz danych(PDF) 1 Page - Weidmuller

Numer części 1286870000
Szczegółowy opis  Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEIDMULLER [Weidmuller]
Strona internetowa  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1286870000 Arkusz danych(HTML) 1 Page - Weidmuller

  1286870000 Datasheet HTML 1Page - Weidmuller 1286870000 Datasheet HTML 2Page - Weidmuller 1286870000 Datasheet HTML 3Page - Weidmuller 1286870000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date November 4, 2021 1:24:52 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
1
IE-SW-VL08T-6GT-2GS
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Product image
 
 
• Wide ranges of variations with 5 to 16 ports
• Variations for Gigabit Ethernet
• Two redundant power inputs 12/24/48 V DC
• Models with copper and fibre-optic interface
(multimode and singlemode)
• Extensive approvals: CE, FCC, cULus, Class I Div. 2 /
ATEX Zone 2, DNV-GL
General ordering data
 
Version
Network switch, unmanaged, Gigabit
Ethernet, Number of ports: 6 * RJ45
10/100/1000BaseT(X), 2 * combo-ports
(10/100/1000BaseT(X) or 100/1000BaseSFP),
IP30, -40 °C...75 °C
Order No.
1286870000
Type
IE-SW-VL08T-6GT-2GS
GTIN (EAN)
4050118077759
Qty.
1 pc(s).
 


Podobny numer części - 1286870000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weidmuller
1286800000 WEIDMULLER-1286800000 Datasheet
271Kb / 5P
Network switch, managed, Fast Ethernet
1286810000 WEIDMULLER-1286810000 Datasheet
249Kb / 5P
Network switch, managed, Fast Ethernet
1286820000 WEIDMULLER-1286820000 Datasheet
278Kb / 5P
Network switch, managed, Fast Ethernet
1286830000 WEIDMULLER-1286830000 Datasheet
278Kb / 5P
Network switch, managed, Fast Ethernet
logo
PHOENIX CONTACT
1286836 PHOENIX-1286836 Datasheet
178Kb / 4P
EV-T2M3SO-CAP-REMOVER - Removal tool
More results

Podobny opis - 1286870000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
Highly compliant to accommodate wide co-planarity variations.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7022 IRONWOOD-SBT-BGA-7022 Datasheet
316Kb / 5P
Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
Highly compliant to accommodate wide co-planarity variations
logo
Weidmuller
1286860000 WEIDMULLER-1286860000 Datasheet
243Kb / 4P
Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com