Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1286870000 Arkusz danych(PDF) 3 Page - Weidmuller

Numer części 1286870000
Szczegółowy opis  Wide ranges of variations with 5 to 16 ports, Variations for Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEIDMULLER [Weidmuller]
Strona internetowa  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1286870000 Arkusz danych(HTML) 3 Page - Weidmuller

  1286870000 Datasheet HTML 1Page - Weidmuller 1286870000 Datasheet HTML 2Page - Weidmuller 1286870000 Datasheet HTML 3Page - Weidmuller 1286870000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
 
IE-SW-VL08T-6GT-2GS
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:24:52 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
3
Interfaces
 
Alarm contact
1 relay output with a
current capacity of 1 A at
24 V DC
  Fibre-optic ports
100/1000Base SFP Slot
Function DIP switch
Port surveillance,
Broadcast storm protection
enable/disable, Enable/
disable jumbo frame
support, Activate/
deactivate IEEE 802.3az
energy-efficient Ethernet
  LED indicator
Power LED: PWR1, PWR2,
FAULT, 10/100/1000M
(TP-Port), 100/1000M
(SFP-Port)
Note
The SFP slot can only be
used with Weidmüller SFP
transceivers. Third-party
SFP transceivers are not
accepted by the switch.
  Number of ports
6 * RJ45
10/100/1000BaseT(X),
2 * combo-ports
(10/100/1000BaseT(X)
or 100/1000BaseSFP)
RJ45 ports
10/100/1000BaseT(X),
auto negotiation, Full-/half-
duplex mode, Auto MDI/
MDI-X port
   
 
MTBF
 
MTBF
According to Standard
Telcordia (Bellcore), GB
Operating time (hours), min.
2,283,188 h
 
Power supply
 
Connection type
1 removable 6-pin terminal block
Current consumption
0.34 A at 24 V
Reverse polarity protection
Available
Voltage supply
12/24/48 V DC, 2 redundant inputs
Voltage supply range
Voltage type
DC
Voltage, min.
9.6 V
Voltage, max.
60 V
 
Switch characteristics
 
Bandwidth backplane
16 Gbps
  Jumbo frame support
up to 9.6 KB
MAC table size
8 K
  Packet buffer size
4,000 Kbit
 
Technical data
 
Housing main material
Metal
  Protection degree
IP30
Speed
Gigabit Ethernet
  Switch
unmanaged
Type of mounting
DIN rail, Panel (with
optional mounting kit)
   
 



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com