| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 52 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 52 Page - Motorola, Inc |
|
52 / 124 page ![]() MC9S12DT128B Device User Guide — V01.07 52 PM3 TX_BF TXCAN1 TXCAN0 SS0 VDDX PERM/ PPSM Disabled Port M I/O, TX of BF, CAN1, CAN0, SS of SPI0 PM2 RX_BF RXCAN1 RXCAN0 MISO0 VDDX PERM/ PPSM Disabled Port M I/O, RX of BF, CAN1, CAN0, MISO of SPI0 PM1 TXCAN0 TXB — — VDDX PERM/ PPSM Disabled Port M I/O, TX of CAN0, RX of BDLC PM0 RXCAN0 RXB — — VDDX PERM/ PPSM Disabled Port M I/O, RX of CAN0, RX of BDLC PP7 KWP7 PWM7 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 7 of PWM PP6 KWP6 PWM6 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 6 of PWM PP5 KWP5 PWM5 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 5 of PWM PP4 KWP4 PWM4 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 4 of PWM PP3 KWP3 PWM3 SS1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 3 of PWM, SS of SPI1 PP2 KWP2 PWM2 SCK1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 2 of PWM, SCK of SPI1 PP1 KWP1 PWM1 MOSI1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 1 of PWM, MOSI of SPI1 PP0 KWP0 PWM0 MISO1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 0 of PWM, MISO2 of SPI1 PS7 SS0 — — — VDDX PERS/ PPSS Up Port S I/O, SS of SPI0 PS6 SCK0 — — — VDDX PERS/ PPSS Up Port S I/O, SCK of SPI0 PS5 MOSI0 — — — VDDX PERS/ PPSS Up Port S I/O, MOSI of SPI0 PS4 MISO0 — — — VDDX PERS/ PPSS Up Port S I/O, MISO of SPI0 PS3 TXD1 — — — VDDX PERS/ PPSS Up Port S I/O, TXD of SCI1 PS2 RXD1 — — — VDDX PERS/ PPSS Up Port S I/O, RXD of SCI1 PS1 TXD0 — — — VDDX PERS/ PPSS Up Port S I/O, TXD of SCI0 PS0 RXD0 — — — VDDX PERS/ PPSS Up Port S I/O, RXD of SCI0 PT[7:0] IOC[7:0] — — — VDDX PERT/ PPST Disabled Port T I/O, Timer channels Pin Name Function 1 Pin Name Function 2 Pin Name Function 3 Pin Name Function 4 Pin Name Function 5 Powered by Internal Pull Resistor Description CTRL Reset State |