| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 75 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 75 Page - Motorola, Inc |
|
75 / 124 page ![]() MC9S12DT128B Device User Guide — V01.07 75 Section 6 HCS12 Core Block Description Consult the HCS12 Core User Guide for information about the HCS12 core modules, i.e. central processing unit (CPU), interrupt module (INT), module mapping control module (MMC), multiplexed external bus interface (MEBI), breakpoint module (BKP) and background debug mode module (BDM). Section 7 Clock and Reset Generator (CRG) Block Description Consult the CRG Block User Guide for information about the Clock and Reset Generator module. 7.1 Device-specific information 7.1.1 XCLKS The XCLKS input signal is active low (see 2.3.12 PE7 / NOACC / XCLKS — Port E I/O Pin 7). Section 8 Enhanced Capture Timer (ECT) Block Description Consult the ECT_16B8C Block User Guide for information about the Enhanced Capture Timer module.When the ECT_16B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode. Section 9 Analog to Digital Converter (ATD) Block Description There are two Analog to Digital Converters (ATD1 and ATD0) implemented on the MC9S12DT128B. Consult the ATD_10B8C Block User Guide for information about each Analog to Digital Converter module. When the ATD_10B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode. Section 10 Inter-IC Bus (IIC) Block Description Consult the IIC Block User Guide for information about the Inter-IC Bus module. Section 11 Serial Communications Interface (SCI) Block |