| Zakładka z wyszukiwarką danych komponentów |
|
HCS12COREUG Arkusz danych(PDF) 13 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12COREUG Arkusz danych(HTML) 13 Page - Motorola, Inc |
|
13 / 124 page ![]() MC9S12DT128B Device User Guide — V01.07 13 Preface The Device User Guide provides information about the MC9S12DT128B device made up of standard HCS12 blocks and the HCS12 processor core. This document is part of the customer documentation. A complete set of device manuals also includes the HCS12 Core User Guide and all the individual Block User Guides of the implemented modules. In a effort to reduce redundancy all module specific information is located only in the respective Block User Guide. If applicable, special implementation details of the module are given in the block description sections of this document. This document also covers the MC9S12DG128B, MC9S12DJ128B and MC9S12DB128B. Table 0-1 shows the availability of peripheral modules on the various derivatives. For details about the compatibility within the MC9S12D-Family refer also to engineering bulletin EB386. Table 0-1 Derivative Differences1 NOTES: 1. : Available for this device, !: Not available for this device Modules MC9S12DT128B MC9S12DG128B MC9S12DJ128B MC9S12DB128B # of CANs 3 2 2 2 CAN4 CAN1 !!! CAN0 J1850/BDLC !! ! IIC ! Byteflight !! ! Package 112 LQFP 112 LQFP/80 QFP 112 LQFP/80 QFP 112 LQFP Package Code PV PV/FU PV/FU PV Mask set L85D L85D L85D L85D Temp Options M, V, C M, V, C M, V, C M, V, C Notes An errata exists contact Sales Office An errata exists contact Sales Office An errata exists contact Sales Office An errata exists contact Sales Office |