Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC58ECX Arkusz danych(PDF) 71 Page - STMicroelectronics

Numer części SPC58ECX
Szczegółowy opis  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Arkusz danych(HTML) 71 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 67Page - STMicroelectronics SPC58ECX Datasheet HTML 68Page - STMicroelectronics SPC58ECX Datasheet HTML 69Page - STMicroelectronics SPC58ECX Datasheet HTML 70Page - STMicroelectronics SPC58ECX Datasheet HTML 71Page - STMicroelectronics SPC58ECX Datasheet HTML 72Page - STMicroelectronics SPC58ECX Datasheet HTML 73Page - STMicroelectronics SPC58ECX Datasheet HTML 74Page - STMicroelectronics SPC58ECX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 153 page
background image
DS11620 Rev 8
71/153
SPC584Cx, SPC58ECx
Electrical characteristics
72
Figure 17. Voltage monitor threshold definition
VDD_xxx
HVD TRIGGER
TVMFILTER
VLVD
TVMFILTER
VHVD
LVD TRIGGER
TVMFILTER
TVMFILTER
(INTERNAL)
(INTERNAL)
Table 39. Voltage monitor electrical characteristics
Symbol
C
Supply/Parameter(1)
Conditions
Value(2)
Unit
Min
Typ
Max
PowerOn Reset HV
VPOR200_C
CC P VDD_HV_IO_MAIN
1.80
2.18
2.40
V
Minimum Voltage Detectors HV
VMVD270_C
CC P VDD_HV_IO_MAIN
2.71
2.76
2.80
V
VMVD270_F
CC P VDD_HV_FLA
2.71
2.76
2.80
V
VMVD270_SBY CC P VDD_HV_IO_MAIN (in Standby)
2.68
2.76
2.84
V
Low Voltage Detectors HV
VLVD290_C
CC P VDD_HV_IO_MAIN
2.89
2.94
2.99
V
VLVD290_F
CC P VDD_HV_FLA
2.89
2.94
2.99
V
VLVD290_AS
CC P VDD_HV_ADV (ADCSAR pad)
2.89
2.94
2.99
V
VLVD290_IF
CC P VDD_HV_IO_FLEX
2.89
2.94
2.99
V
VLVD400_AS
CC P VDD_HV_ADV (ADCSAR pad)
4.15
4.23
4.31
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More