Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F071VB Arkusz danych(PDF) 78 Page - STMicroelectronics

Numer części STM32F071VB
Szczegółowy opis  sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071VB Arkusz danych(HTML) 78 Page - STMicroelectronics

Back Button STM32F071VB Datasheet HTML 74Page - STMicroelectronics STM32F071VB Datasheet HTML 75Page - STMicroelectronics STM32F071VB Datasheet HTML 76Page - STMicroelectronics STM32F071VB Datasheet HTML 77Page - STMicroelectronics STM32F071VB Datasheet HTML 78Page - STMicroelectronics STM32F071VB Datasheet HTML 79Page - STMicroelectronics STM32F071VB Datasheet HTML 80Page - STMicroelectronics STM32F071VB Datasheet HTML 81Page - STMicroelectronics STM32F071VB Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
Electrical characteristics
STM32F071x8 STM32F071xB
78/122
DS10009 Rev 7
Figure 21. TC and TTa I/O input characteristics
Figure 22. Five volt tolerant (FT and FTf) I/O input characteristics
MSv32130V4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
0.5
1
1.5
2
2.5
3
TESTED RANGE
TESTED RANGE
VIHmin
= 0.7
VDDIOx
(CMOS
standard
requirement)
VILmax = 0.3
VDDIOx
(CMOS standard
requirement)
UNDEFINED INPUT RANGE
VIHmin =
0.445 V
DDIOx
+ 0.398
VILmax = 0.3
VDDIOx + 0.07
VIN (V)
VDDIOx (V)
TTL standard requirement
TTL standard requirement
MSv32131V4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
0.5
1
1.5
2
2.5
3
TESTED RANGE
TESTED RANGE
VIHmin
= 0.7
VDDIOx
(CMOS
standard
requirement)
VILmax = 0.3
VDDIOx
(CMOS standard
requirement)
UNDEFINED INPUT RANGE
VIHmin =
0.5 VDDIOx
+ 0.2
VILmax =
0.475
VDDIOx
- 0.2
VIN (V)
VDDIOx (V)
TTL standard requirement
TTL standard requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com