Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F071VB Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części STM32F071VB
Szczegółowy opis  sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071VB Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button STM32F071VB Datasheet HTML 8Page - STMicroelectronics STM32F071VB Datasheet HTML 9Page - STMicroelectronics STM32F071VB Datasheet HTML 10Page - STMicroelectronics STM32F071VB Datasheet HTML 11Page - STMicroelectronics STM32F071VB Datasheet HTML 12Page - STMicroelectronics STM32F071VB Datasheet HTML 13Page - STMicroelectronics STM32F071VB Datasheet HTML 14Page - STMicroelectronics STM32F071VB Datasheet HTML 15Page - STMicroelectronics STM32F071VB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
Description
STM32F071x8 STM32F071xB
12/122
DS10009 Rev 7
Figure 1. Block diagram
MSv30976V3
Power domain of analog blocks :
VBAT
4 channels
3 compl. channels
BRK, ETR input as AF
@ VDD
@ VDDA
System and peripheral
clocks
PA[15:0]
PB[15:0]
PC[15:0]
PF[10:9], PF6
PF[3:0]
8 groups of
4 channels
SYNC
87 AF
MOSI/SD
MISO/MCK
SCK/CK
NSS/WS as AF
@ VDDA
VDDA
VSSA
SWCLK
SWDIO
as AF
16x
AD input
OSC_IN
OSC_OUT
VBAT = 1.65 to 3.6 V
OSC32_IN
OSC32_OUT
3 TAMPER-RTC
(ALARM OUT)
@ VBAT
SYNC
MOSI/SD
MISO/MCK
SCK/CK
NSS/WS as AF
HSI14
HSI
LSI
HSI48
PLLCLK
VDD
IR_OUT as AF
1 channel
1 compl, BRK as AF
1 channel
1 compl, BRK as AF
1 channel as AF
4 ch., ETR as AF
4 ch., ETR as AF
GP DMA
7 channels
CORTEX-M0 CPU
fMAX = 48 MHz
Serial Wire
Debug
NVIC
Touch
Sensing
Controller
PAD
Analog
switches
EXT. IT WKUP
SPI1/I2S1
SPI2/I2S2
SYSCFG IF
DBGMCU
Window WDG
APB
AHB
CRC
RESET & CLOCK
CONTROL
Power
Controller
XTAL OSC
4-32 MHz
Ind. Window WDG
SRAM
16 KB
Temp.
sensor
IF
12-bit ADC
RTC
Backup
reg
RTC interface
CRS
RC 14 MHz
RC 8 MHz
RC 40 kHz
PLL
RC 48MHz
XTAL32 kHz
Flash GPL
up to 128 KB
32-bit
VDD
2 channels
1 compl, BRK as AF
RX, TX,CTS, RTS,
CK as AF
RX, TX,CTS, RTS,
CK as AF
RX, TX,CTS, RTS,
CK as AF
RX, TX,CTS, RTS,
CK as AF
SCL, SDA
(20 mA FM+) as AF
SCL, SDA, SMBA
(20 mA FM+) as AF
CEC as AF
I2C1
I2C2
12-bit DAC
12-bit DAC
IF
DAC_OUT1
DAC_OUT2
@ VDDA
TIMER 6
TIMER 7
GP comparator 1
GP comparator 2
INPUT +
INPUT -
OUTPUT
as AF
@ VDDA
GPIO port F
GPIO port E
GPIO port D
GPIO port C
GPIO port B
GPIO port A
PD[15:0]
PE[15:0]
VDDA
SUPPLY
SUPERVISION
POWER
@ VDDA
@ VDD
VDD18
POR
Reset
Int
VDD = 2 to 3.6 V
VSS
NRST
VDDA
VSSA
VDDIO2 OKIN
VDD
PVD
POR/PDR
VOLT.REG
3.3 V to 1.8 V
USART4
USART3
USART2
USART1
HDMI-CEC
TIMER 17
TIMER 16
TIMER 15
TIMER 14
TIMER 3
TIMER 2 32-bit
PWM TIMER 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com