Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F071VB Arkusz danych(PDF) 89 Page - STMicroelectronics

Numer części STM32F071VB
Szczegółowy opis  sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071VB Arkusz danych(HTML) 89 Page - STMicroelectronics

Back Button STM32F071VB Datasheet HTML 85Page - STMicroelectronics STM32F071VB Datasheet HTML 86Page - STMicroelectronics STM32F071VB Datasheet HTML 87Page - STMicroelectronics STM32F071VB Datasheet HTML 88Page - STMicroelectronics STM32F071VB Datasheet HTML 89Page - STMicroelectronics STM32F071VB Datasheet HTML 90Page - STMicroelectronics STM32F071VB Datasheet HTML 91Page - STMicroelectronics STM32F071VB Datasheet HTML 92Page - STMicroelectronics STM32F071VB Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
DS10009 Rev 7
89/122
STM32F071x8 STM32F071xB
Electrical characteristics
96
Figure 28. Maximum VREFINT scaler startup time from power down
Vhys
Comparator hysteresis
No hysteresis
(COMPxHYST[1:0]=00)
--
0
-
mV
Low hysteresis
(COMPxHYST[1:0]=01)
High speed mode
3
8
13
All other power
modes
510
Medium hysteresis
(COMPxHYST[1:0]=10)
High speed mode
7
15
26
All other power
modes
919
High hysteresis
(COMPxHYST[1:0]=11)
High speed mode
18
31
49
All other power
modes
19
40
1. Data based on characterization results, not tested in production.
2. For more details and conditions see Figure 28: Maximum VREFINT scaler startup time from power down.
Table 61. Comparator characteristics (continued)
Symbol
Parameter
Conditions
Min(1) Typ Max(1)
Unit
1
10
100
1000
-40
-20
0
20
40
60
80
100
Temperature (°C)
2.0V ≤ V DDA < 2.4V
2.4V ≤ V DDA < 3.0V
3.0V ≤ V DDA < 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com