Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBP8 Arkusz danych(PDF) 44 Page - NXP Semiconductors

Numer części NBP8
Szczegółowy opis  Battery pressure monitor sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP8 Arkusz danych(HTML) 44 Page - NXP Semiconductors

Back Button NBP8 Datasheet HTML 40Page - NXP Semiconductors NBP8 Datasheet HTML 41Page - NXP Semiconductors NBP8 Datasheet HTML 42Page - NXP Semiconductors NBP8 Datasheet HTML 43Page - NXP Semiconductors NBP8 Datasheet HTML 44Page - NXP Semiconductors NBP8 Datasheet HTML 45Page - NXP Semiconductors NBP8 Datasheet HTML 46Page - NXP Semiconductors NBP8 Datasheet HTML 47Page - NXP Semiconductors NBP8 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
NXP Semiconductors
NBP8
Battery pressure monitor sensor
9.6 Temperature measurement characteristics
VDDM Min ≤ VDD ≤ VDDM Max, TAS Min ≤ TA ≤ TAS Max, unless otherwise specified.
Transfer function: T °C = (ΔTMAX–MIN °C / LSB × TCODE) – 55 °C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit Notes
ΔTMAX-MIN
Sensitivity
0.93
1
1.08
°C /
LSB
C
TERROR
Error
0
LSB
C
TUNDER
Underflow
1
LSB
C
TOVER
Overflow
255
LSB
C
TMIN
Temperature measurement
TA = –50 °C
0
5
10
LSB
C
TRATE-MIN
Temperature measurement
TA = –40 °C
11
15
19
LSB
C
TCODE
Temperature measurement
TA = –20 °C
32
35
38
LSB
A
TCODE
Temperature measurement
TA = 0 °C
52
55
58
LSB
C
TCODE
Temperature measurement
TA = 25 °C
77
80
83
LSB
A
TCODE
Temperature measurement
TA = 70 °C
122
125
128
LSB
C
TCODE
Temperature measurement
TA = 85 °C
137
140
143
LSB
A
TCODE
Temperature measurement
TA = 105 °C
156
160
164
LSB
C
TRATE-MAX
Temperature measurement
TA = 125 °C
175
180
185
LSB
B
TMAX
Temperature measurement
TA = 150 °C
[1]
195
205
215
LSB
C
TDRIFT
Temperature measurement drift
–2
+2
LSB
C
Table 56. Temperature measurement
[1]
Temperature excursions, time at TMAX must not exceed 12 events of 15 minutes duration during the product lifetime.
9.7 Voltage measurement characteristics
VDDS Min ≤ VDD ≤ VDDS Max, TAS Min ≤ TA ≤ TAS Max, unless otherwise specified.
Transfer function: V = (Δ V MAX–MIN V / LSB × VCODE) + 1.22 V
Interpolated limits between –40 °C to 0 °C and between 50 °C to 125 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit Notes
ΔVMAX-MIN
Sensitivity
9
10
12
mV /
LSB
C
VERROR
Error
0
LSB
C
VUNDER
Underflow
1
LSB
C
VOVER
Overflow
255
LSB
C
VCODE
VDD voltage, 2.8 V
0 °C ≤ TA ≤ 50 °C, VDD = 2.8 V
153
158
163
LSB
C
VCODE
VDD voltage, 3.0 V
0 °C ≤ TA ≤ 50 °C, VDD = 3.0 V
173
178
183
LSB
C
VCODE
VDD voltage, 3.3 V
0 °C ≤ TA ≤ 50 °C, VDD = 3.3 V
203
208
213
LSB
C
VMIN
VDD voltage, 1.8 V
38
58
78
LSB
C
VCODE
VDD voltage, 2.1 V
68
88
108
LSB
B
VCODE
VDD voltage, 2.3 V
–40 °C ≤ TA ≤ 0 °C or 50 °C ≤ TA
≤ 125 °C, VDD = 2.3 V
98
108
118
LSB
C
VCODE
VDD voltage, 2.8 V
–40 °C ≤ TA ≤ 0 °C or 50 °C ≤ TA
≤ 125 °C, VDD = 2.8 V
148
158
168
LSB
C
Table 57. Voltage measurement characteristics
NBP8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 11 March 2022
44 / 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com