Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBP8 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części NBP8
Szczegółowy opis  Battery pressure monitor sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP8 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button NBP8 Datasheet HTML 3Page - NXP Semiconductors NBP8 Datasheet HTML 4Page - NXP Semiconductors NBP8 Datasheet HTML 5Page - NXP Semiconductors NBP8 Datasheet HTML 6Page - NXP Semiconductors NBP8 Datasheet HTML 7Page - NXP Semiconductors NBP8 Datasheet HTML 8Page - NXP Semiconductors NBP8 Datasheet HTML 9Page - NXP Semiconductors NBP8 Datasheet HTML 10Page - NXP Semiconductors NBP8 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
NXP Semiconductors
NBP8
Battery pressure monitor sensor
6 Functional description
6.1 Communication between the NBP8 and external host
An example block diagram of NBP8 with an external host is shown in Figure 4:
aaa-037665
Power Supply
NBP8
Sensor
External host
PTB1 - output
PTA0 - input
output
PS ENABLE
CS_B/WAKE-UP
PTA1 - input
output
SCLK
PTA2 - output
input
SICO
PTA3 - input
output
SOCI
PTB0 - output
input
READY/INT
Figure 4. Connections between the NBP8 and external host
Pin
Description
Remarks
PS ENABLE
(PTB1)
Power supply enable.
When enabled, the NBP8 asserts the
PS ENABLE pin before generating a
pulse on the INT pin.
CS_B/WAKE UP (PTA0)
• When SPI is enabled: Client Select
active low
• When SPI is disabled: WAKE-UP /
low state triggers an interrupt on
NBP8 side (no edge required)
When SPI is disabled, the WAKE-UP
signal can be used for the external host
to request SPI communication with the
NBP8, to read memory and change
settings, or trigger a self-test, firmware
verification, software reset, or clear
flags and user FIFO.
When SPI is enabled, Client Select
when active low, ready for SCLK clock
and data
SCLK (PTA1)
SPI clock
SPI clock from external host
SICO (PTA2)
SPI SICO
Server-In-Client-Out data
SOCI (PTA3)
SPI SOCI
Server-Out-Client-In data
READY / INT (PTB0)
• READY signal: following a WAKE-
UP event, the NBP8 indicates to the
external host it is ready for the SPI
transfers by asserting the pin.
• INT signal: the NBP8 notifies the
external host that an event requiring
attention occurred by generating a
pulse on the pin.
The external host should enable a pull
up/down to maintain the pin in idle state
as long as the NBP8 does not assert it.
Note: When the NBP8 is in sleep mode, the CS_B/WAKEUP pin is configured as input with pull-up enabled. All other pins
are in high impedance state, which means that the NBP8 does not maintain their levels. Specifically, the level of the PS
ENABLE pin is not maintained by the NBP8 in sleep, so when this signal is used, its idle level must be maintained by an
external circuit.
Note: If the external host will be switched off, the CS_B/WAKE UP signal must be isolated to prevent inadvertent
assertion; a fixed low level at the NBP8 CS_B/WAKE UP input will cause the sensor to remain waiting for the SPI SCLK,
and not collect new pressure measurements.
Table 4. Connection pins description
NBP8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 11 March 2022
7 / 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com