Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMM665B Arkusz danych(PDF) 8 Page - Summit Microelectronics, Inc.

Numer części SMM665B
Szczegółowy opis  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMMIT [Summit Microelectronics, Inc.]
Strona internetowa  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665B Arkusz danych(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMM665B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
8
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VOL
Programmable Open Drain
Outputs (RST, HEALTHY,
FAULT, PUPx)
ISINK = 1mA
0
0.4
V
IOL
Output Low Current
Note – Total ISINK from all PUPx pins
should not exceed 6mA or ADOCACC
specification will be affected
0
1.0
mA
VSENSE
Positive Sense Voltage
VM pin
+0.3
VDD_CAP
V
VMonitor
Monitor Threshold Step Size
VM, AIN1/AIN2 pins
5
mV
Commercial Temp Range
-3
+3
oC
TSA
Internal Temperature Sensor
Accuracy
Industrial Temp Range
-5
+5
oC
TMonitor
Temperature Threshold Step Size
Internal Temp Sensor
0.25
oC
VREF
Internal 1.25VREF Output Voltage
1.24
1.25
1.26
V
–40
°C to +85°C
-0.25
+0.25
%
VREF TC
Internal VREF Temperature
Coefficient
–5
°C to +70°C
-0.15
+0.15
%
VREF ACC Internal VREF Accuracy
-0.4
+0.4
%
Ext VREF
External VREF Voltage Range
0.5
VDD_CAP
V
External VREF=1.25V, ±0.1%,
Total PUPx ISINK = 6ma,
VSENSE 3.5V
-0.2
±0.1
+0.2
%
External VREF=1.25V, ±0.1%,
Total PUPx ISINK = 6ma,
VSENSE 3.5V
-0.5
±0.3
+0.5
%
ADOCACC
ADOC/Margin Accuracy
Internal VREF=1.25V, Total
PUPx ISINK = 6ma
-0.5
±0.3
+0.5
%
VOUT_VALID
Minimum Output Valid Voltage
VDD_CAP voltage at which
the PUP, RST, HEALTHY
and FAULT outputs are valid
1
V
VDD_CAP Rising
2.6
V
UVLO
Under Voltage Lockout
Threshold
1
VDD_CAP Falling
2.5
V
IVDD_CAP
VDD_CAP Maximum Output
Current
VDD = 2.7V to 5.5V, Internal
regulator = 3.6V or 5.5V
5
mA
Note 1 - (100mV typ Hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com