Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

USB5742B Arkusz danych(PDF) 46 Page - Microchip Technology

Numer części USB5742B
Szczegółowy opis  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B Arkusz danych(HTML) 46 Page - Microchip Technology

Back Button USB5742B Datasheet HTML 40Page - Microchip Technology USB5742B Datasheet HTML 41Page - Microchip Technology USB5742B Datasheet HTML 42Page - Microchip Technology USB5742B Datasheet HTML 43Page - Microchip Technology USB5742B Datasheet HTML 44Page - Microchip Technology USB5742B Datasheet HTML 45Page - Microchip Technology USB5742B Datasheet HTML 46Page - Microchip Technology USB5742B Datasheet HTML 47Page - Microchip Technology USB5742B Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
USB5742B
DS00002016H-page 46
2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
All USB5742 SKUs are now supported by B step silicon. Note that not all SKUs include the ‘B’ indicator in the part number.
Device:
USB5742B
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank =
0
C to +70C
(Commercial)
I= -40
C to +85C
(Industrial)
Package:
2G
=
56-pin VQFN
Special (optional):
Blank = Standard Configuration
X01
= Hub Feature Controller disabled
SEU
= Single Event Upset (Low Alpha Emissions Package)
Examples:
a)
USB5742B/2G
Tray, Commercial temp., 56-pin VQFN
b)
USB5742B-I/2G
Tray, Industrial temp., 56-pin VQFN
c)
USB5742BT-I/2G
Tape & reel, Industrial temp., 56-pin VQFN
d)
USB5742BT/2G
Tape & reel, Commercial temp., 56-pin VQFN
e)
/USB5742B2GX01
Tray, Commercial temp., 56-pin VQFN
Hub Feature Controller disabled
f)
USB574T-I/2GSEU
Tape & reel, Industrial temp., 56-pin VQFN
Single Event Upset
(Low Alpha Emissions Package)
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
Device Tape & Reel
[X]
Option
Temperature
Range
[-X]
/
XX
Package
XXX
Special
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48