| Zakładka z wyszukiwarką danych komponentów |
|
USB5742B Arkusz danych(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5742B Arkusz danych(HTML) 17 Page - Microchip Technology |
|
17 / 48 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00002016H-page 17 USB5742B 3.4.2 PORT DISABLE CONFIGURATION (PRT_DIS_P[2:1] / PRT_DIS_M[2:1]) The PRT_DIS_P[ 2:1] and PRT_DIS_M[2:1] configuration straps are used in conjunction to disable the related port (2-1). For PRT_DIS_Px (where x is the corresponding port 2-1): 0 = Port x D+ Enabled 1 = Port x D+ Disabled For PRT_DIS_Mx (where x is the corresponding port 2-1): 0 = Port x D- Enabled 1 = Port x D- Disabled 3.4.3 NON-REMOVABLE PORT CONFIGURATION (CFG_NON_REM) The CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of three settings. These modes are selected by the configuration of an external resistor on the CFG_NON_REM pin. The resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, and 10 kΩ pull-down, as shown in Table 3-12. 3.4.4 BATTERY CHARGING CONFIGURATION (CFG_BC_EN) The CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of three settings. These modes are selected by the configuration of an external resistor on the CFG_BC_EN pin. The resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, and 10 kΩ pull-down, as shown in Table 3-13. Note: Both PRT_DIS_Px and PRT_DIS_Mx (where x is the corresponding port) must be tied to 3.3 V to disable the associated downstream port. Disabling the USB 2.0 port will also disable the corresponding USB 3.2 Gen 1 port. TABLE 3-12: CFG_NON_REM RESISTOR ENCODING CFG_NON_REM Resistor Value Setting 200 kΩ Pull-Down All ports removable 200 kΩ Pull-Up Port 1 non-removable 10 kΩ Pull-Down Port 1, 2 non-removable TABLE 3-13: CFG_BC_EN RESISTOR ENCODING CFG_BC_EN Resistor Value Setting 200 kΩ Pull-Down No battery charging 200 kΩ Pull-Up Port 1 battery charging 10 kΩ Pull-Down Port 1, 2 battery charging |