Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

USB5742B Arkusz danych(PDF) 6 Page - Microchip Technology

Numer części USB5742B
Szczegółowy opis  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B Arkusz danych(HTML) 6 Page - Microchip Technology

Back Button USB5742B Datasheet HTML 2Page - Microchip Technology USB5742B Datasheet HTML 3Page - Microchip Technology USB5742B Datasheet HTML 4Page - Microchip Technology USB5742B Datasheet HTML 5Page - Microchip Technology USB5742B Datasheet HTML 6Page - Microchip Technology USB5742B Datasheet HTML 7Page - Microchip Technology USB5742B Datasheet HTML 8Page - Microchip Technology USB5742B Datasheet HTML 9Page - Microchip Technology USB5742B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
USB5742B
DS00002016H-page 6
 2022 Microchip Technology Inc. and its subsidiaries
2.0
INTRODUCTION
2.1
General Description
The Microchip USB5742B hub is low-power, OEM configurable, USB 3.2 Gen 1 hub feature controller with 2 down-
stream ports and advanced features for embedded USB applications. The USB5742B is fully compliant with the Univer-
sal Serial Bus Revision 3.2 Specification
and USB 2.0 Link Power Management Addendum. The USB5742B supports
5 Gbps SuperSpeed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps Full-Speed (FS), and 1.5 Mbps Low-Speed (LS) USB
downstream devices on all enabled downstream ports.
The USB5742B supports the legacy USB speeds (HS/FS/LS) through a dedicated USB 2.0 hub feature controller that
is the culmination of five generations of Microchip hub feature controller design and experience with proven reliability,
interoperability, and device compatibility. The SuperSpeed hub feature controller operates in parallel with the USB 2.0
controller, decoupling the 5 Gbps SS data transfers from bottlenecks due to the slower USB 2.0 traffic.
The USB5742B supports downstream battery charging. The USB5742B integrated battery charger detection circuitry
supports the USB-IF Battery Charging (BC1.2) detection method and most Apple devices. The USB5742B provides the
battery charging handshake and supports the following USB-IF BC1.2 charging profiles:
• DCP: Dedicated Charging Port (Power brick with no data)
• CDP: Charging Downstream Port (1.5A with data)
• SDP: Standard Downstream Port (0.5A with data)
• Custom profiles loaded via SMBus or OTP
Additionally, the USB5742B includes many powerful and unique features such as:
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive strength
in the downstream port transceivers. PHYBoost attempts to restore USB signal integrity
in a compromised system environment. The graphic on the right shows an example of
Hi-Speed USB eye diagrams before and after PHYBoost signal integrity restoration. in
a compromised system environment
VariSense, which controls the USB receiver sensitivity enabling programmable levels of USB signal receive sensitivity.
This capability allows operation in a sub-optimal system environment, such as when a captive USB cable is used.
The USB5742B can be configured for operation through internal default settings. Custom OEM configurations are sup-
ported through external SPI ROM or OTP ROM. All port control signal pins are under firmware control in order to allow
for maximum operational flexibility, and are available as GPIOs for customer specific use.
The USB5742B is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature range. An internal
block diagram of the USB5742B is shown in Figure 2-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48