Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PS11 Arkusz danych(PDF) 2 Page - Supertex, Inc

Numer części PS11
Szczegółowy opis  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS11 Arkusz danych(HTML) 2 Page - Supertex, Inc

  PS11 Datasheet HTML 1Page - Supertex, Inc PS11 Datasheet HTML 2Page - Supertex, Inc PS11 Datasheet HTML 3Page - Supertex, Inc PS11 Datasheet HTML 4Page - Supertex, Inc PS11 Datasheet HTML 5Page - Supertex, Inc PS11 Datasheet HTML 6Page - Supertex, Inc PS11 Datasheet HTML 7Page - Supertex, Inc PS11 Datasheet HTML 8Page - Supertex, Inc PS11 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS10/PS11
2
A051204
*Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation of
the device at the absolute rating level may affect device reliability. All voltages are refer-
enced to device ground.
Ordering Information
Package Options
Active State of Power
Good Flags
14 Pin SOIC
High
PS10NG
Low
PS11NG
Absolute Maximum Ratings*
VEE referenced to VIN pin
+0.3V to -100V
VPWRGD referenced to VEE voltage
-0.3V to +100V
VUV and VOV referenced to VEE Voltage
-0.3V to 12V
Operating Ambient Temperature
-40°C to +85°C
Operating Junction Temperature
-40°C to +125°C
Storage Temperature Range
-65° to +150°C
Power Dissipation @ 25
°C, 14-Pin SOIC
750mW
Electrical Characteristics (-10V ≤ V
IN ≤ -90V, TA = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Supply (Referenced to VIN pin)
VEE
Supply Voltage
-90
-10
V
IEE
Supply Current
400
450
µA
VEE = -48V
OV and UV Control (Referenced to VEE pin)
VUVH
UV High Threshold
#
1.16
1.22
1.28
V
Low to High Transition
VUVL
UV Low Threshold
#
1.06
1.12
1.18
V
High to Low Transition
VUVHY
UV Hysteresis
#
100
mV
IUV
UV Input Current
1.0
nA
VUV = VEE + 1.9V
VOVH
OV High Threshold
#
1.16
1.22
1.28
V
Low to High Transition
VOVL
OV Low Threshold
#
1.06
1.12
1.18
V
High to Low Transition
VOVHY
OV Hysteresis
#
100
mV
IOV
OV Input Current
1.0
nA
VUV = VEE + 1.9V
#Specifications apply over 0°C ≤ TA ≤ 70°C
Power Good Timing (Test Conditions: CRAMP = 10nF, VUV = VEE + 1.9V, VOV = VEE + 0.5V)
IRAMP
Ramp Pin Output Current
10
µA
tPWRGD-A
Time from UV High to PWRGD-A
8.8
ms
VEE = -48V, CRAMP = 10nF,
see Typical Application Cir-
cuit
tPWRGD-B
Maximum time from PWRGD-A to PWRGD-B
150
200*
250
ms
RTB = 120k
tPWRGD-B
Minimum time from PWRGD-A to PWRGD-B
3.0
5.0*
8.0
ms
RTB = 3k
tPWRGD-C
Maximum time from PWRGD-B to PWRGD-C
150
200*
250
ms
RTC = 120k
tPWRGD-C
Minimum time from PWRGD-B to PWRGD-C
3.0
5.0*
8.0
ms
RTC = 3k
tPWRGD-D
Maximum time from PWRGD-C to PWRGD-D
150
200*
250
ms
RTD = 120k
tPWRGD-D
Minimum time from PWRGD-C to PWRGD-D
3.0
5.0*
8.0
ms
RTD = 3k
*Note: Variations will track. For example if tPWRGD-A is 250ms then so will be tPWRGD-B/C/D. Contact factory for tighter tolerance version.
Power Good Outputs (Test Conditions: VUV = VEE + 1.9V, VOV = VEE + 0.5V)
VPWRGD-x(hi)
Power Good Pin Breakdown Voltage
90
V
PWRGD-x = HI Z
VPWRGD-x(lo)
Power Good Pin Output Low Voltage
0.4
0.5
V
IPWRGD = 1mA, PWRGD-x = LOW
IPWRGD-x(lk)
Maximum Leakage Current
<1.0
10
µA
VPWRGD = 90V, PWRGD-x = HI Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com