Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PS11 Arkusz danych(PDF) 4 Page - Supertex, Inc

Numer części PS11
Szczegółowy opis  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS11 Arkusz danych(HTML) 4 Page - Supertex, Inc

  PS11 Datasheet HTML 1Page - Supertex, Inc PS11 Datasheet HTML 2Page - Supertex, Inc PS11 Datasheet HTML 3Page - Supertex, Inc PS11 Datasheet HTML 4Page - Supertex, Inc PS11 Datasheet HTML 5Page - Supertex, Inc PS11 Datasheet HTML 6Page - Supertex, Inc PS11 Datasheet HTML 7Page - Supertex, Inc PS11 Datasheet HTML 8Page - Supertex, Inc PS11 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PS10/PS11
4
A051204
Functional Block Diagram
Logic
Regulator
& POR
+
UVLO
Vbg
UV
-
V
V
Band Gap
Reference
Programmable
Timer
TD
PWRGD-B
PWRGD-A
PWRGD-C
PWRGD-D
TC
TB
Vint
10uA
Vint
RAMP
+
-
OV
Vint - 1.2V
EE
IN
Functional Description
The PS10/PS11 are designed to sequence up to 4 power
supply modules, ICs or subsystems when the backplane
voltage is within the programmed Under-voltage and Over-
voltage limits. The power good open drain outputs are
sequentially enabled starting from PWRGD-A to PWRGD-
D. The time delay between power goods is programmable
up to 200ms simply by changing the value(s) of RTB,
RTC, and RTD. The initial time between satisfaction of the
UV/OV supervisors & PWRGD-A can be programmed with
Cramp.
Description of Operation
During the initial power application, the Power Good pins
are held low (rising with VIN) for PS10 and high for the
PS11. Once the internal under voltage lock out has been
satisfied, the circuit checks the input supply under voltage
(UV) and over voltage (OV) sense circuits to ensure that
the input voltage is within programmed limits. These limits
are determined by the selected values for R1, R2, and R3,
which form a voltage divider.
At the same time, a 10
µA current source is enabled,
charging the external capacitor connected to the ramp pin.
The rise time of the ramp pin is determined by the value of
the capacitor (10
µA/Cramp). When the ramp voltage
reaches 8.8V, the PWRGD-A pin will change into an active
state. PWRGD-B will change into an active state after a
programmed time delay from PWRGD-A inactive to active
transition. PWRGD-C will change into an active state after
a programmed time delay from PWRGD-B inactive to ac-
tive transition. PWRGD-D will change into an active state
after a programmed time delay from PWRGD-C inactive to
active transition.
The controller continuously monitors the UV and OV pins
as long as the internal UVLO and POR circuits are satis-
fied. At any time during the start up cycle or thereafter,
crossing the UV low and OV high limits will cause an im-
mediate discharge on Cramp and reset on the power good
pins. When the input voltage returns to a value within the
programmed UV and OV limits, a new start up sequence
will initiate immediately.
Programming the Under and Over Voltage Limits
The UV and OV pins are connected to comparators with
nominal 1.17V thresholds and 100mV of hysteresis (1.17V
± 50mV). They are used to detect under voltage and over
voltage conditions at the input to the circuit. Whenever the
OV pin rises above its high threshold (1.22V) or the UV pin
falls below its low threshold (1.12V), the PWRGD outputs
immediately deactivate.
Calculations can be based on either the desired input volt-
age operating limits or the input voltage shutdown limits. In
the following equations the shutdown limits are assumed.
The undervoltage and overvoltage shut down thresholds
can be programmed by means of the three resistor divider
formed by R1, R2 and R3. Since the input currents on the
UV and OV pins are negligible the resistor values may be
calculated as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com