Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51406BDFK30 Arkusz danych(PDF) 88 Page - Renesas Technology Corp

Numer części R5F51406BDFK30
Szczegółowy opis  48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFK30 Arkusz danych(HTML) 88 Page - Renesas Technology Corp

Back Button R5F51406BDFK30 Datasheet HTML 84Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 85Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 86Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 87Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 88Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 89Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 90Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 91Page - Renesas Technology Corp R5F51406BDFK30 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
R01DS0379EJ0110 Rev.1.10
Page 88 of 118
Apr 20, 2022
RX140 Group
2. Electrical Characteristics
Note:
The characteristics apply when no pin functions other than A/D converter input are used. Absolute accuracy includes
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not
include quantization errors.
Note 1. For 32-pin products, VREFH0 = AVCC0.
Note 2. The conversion time is the sum of the sampling time and the comparison time. As the test conditions, the number of sampling
states is indicated.
Note 3. The values in ( ) show the sampling times.
Note 4. The values are reference values.
Table 2.62
A/D Conversion Characteristics (5)
Conditions: 1.8 V
≤ VCC ≤ 5.5 V, 1.8 V ≤ VREFH0 = AVCC0 ≤ 5.5 V*1, VSS = AVSS0 = VREFL0 = 0 V, T
a = –40 to +105°C,
signal source impedance = 5 k
Ω
Reference voltage = VREFH0
Item
Min.
Typ.
Max.
Unit
Test Conditions
Frequency
1
—
8
MHz
Resolution
—
—
12
Bit
Conversion time*2
(operation at
PCLKD = 8 MHz)
4.75
(1.250)*3
—
—
µs
High-precision channel
ADCSR.ADHSC bit = 1
ADSSTRn = 0Ah
ADCCR.CCS = 1
6.00
(2.500)*3
—
—
Normal-precision channel
ADCSR.ADHSC bit = 1
ADSSTRn = 14h
ADCCR.CCS = 1
Analog input
capacitance
Cs
—
—
9*4
pF
High-precision channel
——
10*4
Normal-precision channel
Analog input
resistance
Rs
—
—
6*4
k
Ω
High-precision channel
——
14*4
Normal-precision channel
Analog input effective range
0
—
VREFH0
V
Offset error
—
±1.25
±7.5
LSB
High-precision channel
±10.0
LSB
Other than above
Full-scale error
—
±1.5
±7.5
LSB
High-precision channel
±10.0
LSB
Other than above
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±3.0
±8.0
LSB
High-precision channel
±11.0
LSB
Other than above
DNL differential nonlinearity error
—
±1.25
—
LSB
INL integral nonlinearity error
—
±1.5
±3.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com