| Zakładka z wyszukiwarką danych komponentów |
|
R5F51406BDFK30 Arkusz danych(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F51406BDFK30 Arkusz danych(HTML) 13 Page - Renesas Technology Corp |
|
13 / 118 page ![]() R01DS0379EJ0110 Rev.1.10 Page 13 of 118 Apr 20, 2022 RX140 Group 1. Overview Note 1. This is not supported by products with 64 Kbytes of ROM. Serial peripheral interface RSPCKA I/O Input/output pin for the RSPI clock. MOSIA I/O Input/output pin for transmitting data from the RSPI master. MISOA I/O Input/output pin for transmitting data from the RSPI slave. SSLA0 I/O Input/output pin to select the slave for the RSPI. SSLA1 to SSLA3 Output Output pins to select the slave for the RSPI. CAN module CRXD0 Input Input pin CTXD0 Output Output pin 12-bit A/D converter AN000 to AN007, AN016 to AN021, AN024 to AN026 Input Input pins for the analog signals to be processed by the A/D converter. ADTRG0# Input Input pin for the external trigger signal that start the A/D conversion. D/A converter DA0, DA1 Output Analog output pins of the D/A converter. Comparator B CMPB0, CMPB1 Input Input pin for the analog signal to be processed by comparator B. CVREFB0, CVREFB1 Input Analog reference voltage supply pin for comparator B. CMPOB0, CMPOB1 Output Output pin for comparator B. Capacitive touch sensing unit TS0 to TS35 I/O Electrostatic capacitance measurement pins (touch pins). TSCAP — Connect to the VSS via a decoupling capacitor (10 nF) for stabilizing the internal voltage Analog power supply AVCC0 Input Analog voltage supply pin for the 12-bit A/D converter and D/A converter. Connect this pin to VCC when not using the 12-bit A/D converter and D/A converter. AVSS0 Input Analog ground pin for the 12-bit A/D converter and D/A converter. Connect this pin to VSS when not using the 12-bit A/D converter and D/A converter. VREFH0 Input Analog reference voltage supply pin for the 12-bit A/D converter. VREFL0 Input Analog reference ground pin for the 12-bit A/D converter. I/O ports P03 to P07 I/O 5-bit input/output pins. P12 to P17 I/O 6-bit input/output pins. P20, P21, P26, P27 I/O 4-bit input/output pins. P30 to P32, P34 to P37 I/O 7-bit input/output pins (P35 input pin). P40 to P47 I/O 8-bit input/output pins. P54, P55 I/O 2-bit input/output pins. PA0 to PA6 I/O 7-bit input/output pins. PB0 to PB7 I/O 8-bit input/output pins. PC2 to PC7 I/O 6-bit input/output pins. PD0 to PD2 I/O 3-bit input/output pins. PE0 to PE5 I/O 6-bit input/output pins. PG7 I/O 1-bit input/output pin. PH0 to PH3, PH6*1, PH7*1 I/O 6-bit input/output pins (PH6, PH7: input pins). PJ1, PJ6, PJ7 I/O 3-bit input/output pins. Table 1.4 Pin Functions (3/3) Classifications Pin Name I/O Description |