Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PACDN009 Arkusz danych(PDF) 3 Page - California Micro Devices Corp

Numer części PACDN009
Szczegółowy opis  5 Channel ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CALMIRCO [California Micro Devices Corp]
Strona internetowa  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN009 Arkusz danych(HTML) 3 Page - California Micro Devices Corp

  PACDN009 Datasheet HTML 1Page - California Micro Devices Corp PACDN009 Datasheet HTML 2Page - California Micro Devices Corp PACDN009 Datasheet HTML 3Page - California Micro Devices Corp PACDN009 Datasheet HTML 4Page - California Micro Devices Corp PACDN009 Datasheet HTML 5Page - California Micro Devices Corp PACDN009 Datasheet HTML 6Page - California Micro Devices Corp PACDN009 Datasheet HTML 7Page - California Micro Devices Corp PACDN009 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/21/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
3
PACDN009
Specifications
Note 1: Only one diode conducting at a time.
Note 1: All parameters specified at TA=25°C unless otherwise noted. VP = 5V, VN = 0V unless noted.
Note 2: These parameters guaranteed by design and characterization.
Note 3: From I/O pins to VP or VN only. VP bypassed to VN with a 0.22µF ceramic capacitor (see Application Information for more
details).
Note 4: Human Body Model per MIL-STD-883, Method 3015, CDischarge = 100pF, RDischarge = 1.5KΩ, VP = 5.0V, VN grounded.
Note 5: Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330Ω, VP = 5.0V, VN grounded.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Supply Voltage (VP - VN)6.0
V
Diode Forward DC Current (Note 1)
20
mA
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Voltage at any channel input
(VN - 0.5) to (VP + 0.5)
V
Package Power Rating
MSOP Package
200
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
Operating Supply Voltage (VP - VN)
0 to 5.5
V
ELECTRICAL OPERATING CHARACTERISTICS(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IP
Supply Current
(VP-VN)=5.5V
10
µA
VF
Diode Forward Voltage
IF = 20mA
0.65
0.95
V
VESD
ESD Protection
Peak Discharge Voltage at any channel
input, in system
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
c) Air Discharge per IEC 61000-4-2
Note 3
Notes 2,4
Note 5
Note 5
±15
±8
±15
kV
kV
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
@15kV ESD HBM
VP + 13.0
VN - 13.0
V
V
ILEAK
Channel Leakage Current
±0.1
±1.0
µA
CIN
Channel Input Capacitance
@ 1 MHz, VP=5V, VN=0V,
VIN=2.5V; Note 2 applies
35
pF



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com