Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PACDN009 Arkusz danych(PDF) 6 Page - California Micro Devices Corp

Numer części PACDN009
Szczegółowy opis  5 Channel ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CALMIRCO [California Micro Devices Corp]
Strona internetowa  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN009 Arkusz danych(HTML) 6 Page - California Micro Devices Corp

  PACDN009 Datasheet HTML 1Page - California Micro Devices Corp PACDN009 Datasheet HTML 2Page - California Micro Devices Corp PACDN009 Datasheet HTML 3Page - California Micro Devices Corp PACDN009 Datasheet HTML 4Page - California Micro Devices Corp PACDN009 Datasheet HTML 5Page - California Micro Devices Corp PACDN009 Datasheet HTML 6Page - California Micro Devices Corp PACDN009 Datasheet HTML 7Page - California Micro Devices Corp PACDN009 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
09/21/04
PACDN009
Application Information (cont’d)
Implementation Examples
ESD events are very high-speed pulses with rise times
in the range of 1ns or less. To effectively use the
PACDN009, the following design guidelines must be
observed (as discussed in the application section):
1) The inductance from the VN and VP connections of
the PACDN009 to ground must be very low. This
includes the path through the VP decoupling capacitor
to ground and the path to the power supply (as dis-
cussed above).
2) The inductance between the connector pin to be
protected and the PACDN009 channel input pin must
be kept to a minimum. If there is a large inductance
here, the ESD event will find a lower impedance path
which will more likely be through the device to be pro-
tected. Figure 2 shows the implementation schematic
and Figure 3 shows a possible layout for the
PACDN009. In figure 3, notice the large VCC and
ground areas with multiple via connections to the
underlying reference planes and the positioning of the
bypass capacitor. Note how the signal lines to be pro-
tected flow from the connector to the PACDN009 and
then out to the device to be protected (Figure 3). This
daisy chaining provides a low impedance path from the
connector to the PACDN009 and a higher impedance
path from the PACDN009 to the protected device.
Figure 2. Typical ESD protection implementation
ONE
CHANNEL
OF
PAC DN009
GROUND RAIL
POSITIVE SUPPLY RAIL
SYSTEM OR
CIRCUITRY
BEING
PROTECTED
D1
2
D
POWER SUPPLY
OPTIONAL
ZENER DIODE
FOR EXTRA
PROTECTION
CHANNEL
INPUT
DECOUPLING
CAPCITOR
0.22
µF
LINE BEING
PROTECTED



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com