Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PACDN009 Arkusz danych(PDF) 8 Page - California Micro Devices Corp

Numer części PACDN009
Szczegółowy opis  5 Channel ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CALMIRCO [California Micro Devices Corp]
Strona internetowa  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN009 Arkusz danych(HTML) 8 Page - California Micro Devices Corp

  PACDN009 Datasheet HTML 1Page - California Micro Devices Corp PACDN009 Datasheet HTML 2Page - California Micro Devices Corp PACDN009 Datasheet HTML 3Page - California Micro Devices Corp PACDN009 Datasheet HTML 4Page - California Micro Devices Corp PACDN009 Datasheet HTML 5Page - California Micro Devices Corp PACDN009 Datasheet HTML 6Page - California Micro Devices Corp PACDN009 Datasheet HTML 7Page - California Micro Devices Corp PACDN009 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
09/21/04
PACDN009
Mechanical Details
MSOP Mechanical Specifications
The PACDN009 is supplied in an 8-lead MSOP pack-
age. Dimensions are presented below.
For complete information on the MSOP-8 package,
see the specific California Micro Devices Package
Information document.
* This is an approximate number which may vary.
Package Dimensions for MSOP-8
PACKAGE DIMENSIONS
Package
MSOP
Leads
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.87
1.17
0.034
0.046
A1
0.05
0.25
0.002
0.010
B
0.30 (typ)
0.012 (typ)
C
0.18
0.007
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.65 BSC
0.025 BSC
H
4.78
4.98
0.188
0.196
L
0.52
0.54
0.017
0.025
# per tube
80 pieces*
# per tape
and reel
4000 pieces
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
12
34
87
65
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
TOP VIEW
Pin 1
Marking



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com