Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFT10.7MS2-Z Arkusz danych(PDF) 5 Page - Murata Manufacturing Co., Ltd

Numer części SFT10.7MS2-Z
Szczegółowy opis  CERAMIC FILTER (CERAFIL®) For FM Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFT10.7MS2-Z Arkusz danych(HTML) 5 Page - Murata Manufacturing Co., Ltd

  SFT10.7MS2-Z Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 4Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 5Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 8Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
70
60
50
40
30
20
10
0
0
20
40
60
80
100
Frequency (MHz)
3
No.P61E5
.pdf 98.6.22
This is the PDF file of catalog No.P61E-5.
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
1.2
1.0
0.8
0.6
0.4
0.2
0
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
10.7
10.8
10.9
10.6
10.5
10.2
10.7
11.2
70
60
50
40
30
20
10
0
8.7
9.7
10.7
11.7
12.7
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7
10.8
10.9
10.6
10.5
10.2
10.7
11.2
70
60
50
40
30
20
10
0
8.7
9.7
10.7
11.7
12.7
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7
10.8
10.9
10.6
10.5
10.2
10.7
11.2
70
60
50
40
30
20
10
0
8.7
9.7
10.7
11.7
12.7
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
!FREQUENCY CHARCTERISTICS
SFE10.7MA5-A
!SPURIOUS RESPONSE
Y20
Y40
Y20
0
W20
W40
0
W20
Temperature (
D)
W40
W60
W80
Center frequency
Y20
Y2
Y1
0
W1
W2
0
W20
Temperature (
D)
W40
W60
W80
Insertion loss
Y20
Y40
Y20
0
W20
W40
0
W20
Temperature (
D)
W40
W60
W80
3dB Band width
Y20
Y40
Y20
0
W20
W40
0
W20
Temperature (
D)
W40
W60
W80
Center frequency
Y20
Y2
Y1
0
W1
W2
0
W20
Temperature (
D)
W40
W60
W80
Insertion loss
Y20
Y40
Y20
0
W20
W40
0
W20
Temperature (
D)
W40
W60
W80
3dB Band width
!TEMPERATURE CHARACTERISTICS
SFE10.7MA5-A
SFE10.7MA5-A
SFE10.7MA5-A
SFE10.7MS2-A
SFE10.7MS2-A
SFE10.7MS2-A
SFE10.7MS3-A
SFE10.7MS3-A
SFE10.7MS3-A
SFE10.7MS2-A
SFE10.7MS3-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com