Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFT10.7MS2-Z Arkusz danych(PDF) 7 Page - Murata Manufacturing Co., Ltd

Numer części SFT10.7MS2-Z
Szczegółowy opis  CERAMIC FILTER (CERAFIL®) For FM Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFT10.7MS2-Z Arkusz danych(HTML) 7 Page - Murata Manufacturing Co., Ltd

Back Button SFT10.7MS2-Z Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 4Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 5Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 8Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 9Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 10Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 11Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
5
No.P61E5
.pdf 98.6.22
This is the PDF file of catalog No.P61E-5.
Contributing to the Reduction of AM/FM IF Circuit
The chip CERAFIL® SFECV series is high performance filter
compare to the conventional series (SFECA).
Together with the PFWCC455 filter series for AM, the
SFECV10.7 filter series reduces the size of IF circuit in
AM/FM radios.
!FEATURES
1. Super-thin. Only 1.5mm. The most suitable ceramic filter
available for thinning substrates.
2. Heat resistant. Reflow soldering can be performed
because of its excellent heat resistance.
3. The piezoelectric element is connected in the sandwich
shape by heat heat resistant substrates, thus it has
excellent mechanical strength, and it is suitable for
automatic mounting.
4. Various band-widths are available. Select a suitable type
in accordance with the desired selectivity.
5. Electrical characteristics are the same as conventional
Cerafil®.
!APPLICATIONS
1. Small, thin radios
3. CAR radios
2. Headphone stereos
Frequency (MHz)
Frequency (MHz)
0
10
20
30
40
50
60
70
8.700
9.700
10.700
11.700
12.700
0
10
20
30
40
50
60
70
8.700
9.700
10.700
11.700
12.700
!FREQUENCY CHARACTERISTICS
6.9
T0.3
4.05
T0.4
1.2
T0.5
1.0
T0.5
1.0
T0.5
1.0
T0.5
1.2
T0.3
1.2
T0.5 1.2T0.3
*
(3)
(2)
(1)
(1) , (3) : Input/Output
(2)
: Ground
*
: EIAJ Monthly Code
* *
: Rank
!DIMENSIONS
(in mm)
4.0
T0.3
Cover Tapes
10
°
3
°max.
4.0
T0.1
2.0
T0.05
Chip Filter
User direction of feel
3.3
T0.1
1.5
W0.1
φ1.5Y0.0
Peeling of strength
0.1
Y0.7N
!DIMENSIONS OF PLASTICS TAPE
Packaging Quantity : 2000 pcs / reel (
φ180mm)
(in mm)
SFECV10.7MA5-A
SFECV10.7MS2-A
Chip Ceramic Filter
SFECV10.7 Series
CERAMIC FILTER
*CERAFIL® is the Registered Trademark
of Murata's Ceramic Filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com