Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFT10.7MS2-Z Arkusz danych(PDF) 10 Page - Murata Manufacturing Co., Ltd

Numer części SFT10.7MS2-Z
Szczegółowy opis  CERAMIC FILTER (CERAFIL®) For FM Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFT10.7MS2-Z Arkusz danych(HTML) 10 Page - Murata Manufacturing Co., Ltd

Back Button SFT10.7MS2-Z Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 8Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 9Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 10Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 11Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 12Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 13Page - Murata Manufacturing Co., Ltd SFT10.7MS2-Z Datasheet HTML 14Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
8
No.P61E5
.pdf 98.6.22
This is the PDF file of catalog No.P61E-5.
!SPECIFICATIONS
SFE10.7MA5A10-Z
280
T50
590 (480)
2.5
T2.0
30 (42)
SFE10.7MS2A10-Z
230
T50
520 (400)
3.0
T2.0
35 (43)
SFE10.7MS3A10-Z
180
T40
470 (360)
3.5
T1.5
35 (43)
SFE10.7MJA10-Z
150
T30
360 (290)
4.0
T2.0
35 (44)
3dB Band Width 20dB Band Width Insertion Loss
Spurious Attenuation
Part Number
(kHz)
(kHz) max.
(dB)
(9
Y
Y12MHz)
(dB) min.
¡Input/output matching impedance : 330
(
)Typ.value
!FEATURES
1.Insertion loss is 1
Y1.5dB lower than conventional
products. This types are useful for elevating the sensitivity
of sets.
2. Excellent shape factor of frequency response.
3. Good wareform symmetry.
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7
10.8
10.9
10.6
10.5
10.2
10.7
11.2
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7
10.8
10.9
10.6
10.5
10.2
10.7
11.2
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
!FREQUENCY CHARACTERISTICS
7.0
T2.0
1.38
T0.2
1.7
T0.1
0.5
T0.1
e
q
w
2.5
T0.2
2.5
T0.2
* *
10.7
A
!DIMENSIONS
(in mm)
MA5A10-A
MS2A10-A
MS3A10-A
MJA10-A
SFE10.7MS3A10-A
SFE10.7MJA10-A
SFE10.7MS3A10-A
SFE10.7MJA10-A
Low Loss Type
SFE10.7
-
-A10 Series
CERAMIC FILTER
*CERAFIL® is the Registered Trademark
of Murata's Ceramic Filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com