Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DW5708 Arkusz danych(PDF) 19 Page - List of Unclassifed Manufacturers

Numer części DW5708
Szczegółowy opis  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

DW5708 Arkusz danych(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DW5708 Datasheet HTML 15Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 22Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TYPE 27 - GRINDING
WHEELS/CUTTING WHEELS
HEAVY-DUTY ACCESSORIES
39
TYPE 27 - GRINDING
WHEELS/CUTTING WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Stainless Steel Cutting
DW8452
4-1/2"
1/8"
7/8"
Stainless Cutting
13,300
DW8454
5"
1/8"
7/8"
Stainless Cutting
12,200
DW8456
7"
1/8"
7/8"
Stainless Cutting
8,700
DW8458
9"
1/8"
7/8"
Stainless Cutting
6,600
Stainless Steel Grinding
DW8410
4"
1/4"
5/8"
Stainless Grinding
15,200
DW8414
4-1/2"
1/4"
7/8"
Stainless Grinding
13,300
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Stainless Steel Grinding (continued)
DW8415
4-1/2"
1/4"
5/8"-11
Stainless Grinding
13,300
DW8464
5"
1/4"
7/8"
Stainless Grinding
12,200
DW8416
5"
1/4"
5/8"-11
Stainless Grinding
12,200
DW8466
7"
1/4"
7/8"
Stainless Grinding
8,700
DW8417
7"
1/4"
5/8"-11
Stainless Grinding
8,700
DW8468
9"
1/4"
7/8"
Stainless Grinding
6,600
DW8419
9"
1/4"
5/8"-11
Stainless Grinding
6,600
Type 27
C
A
B
A = Diameter B = Thickness C = Arbor
STAINLESS STEEL CONTAMINENT FREE
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8400
4"
1/4"
5/8"
Aluminum Grinding
15,200
DW8404
4-1/2"
1/4"
7/8"
Aluminum Grinding
13,300
DW8405
4-1/2"
1/4"
5/8"-11
Aluminum Grinding
13,300
DW8474
5"
1/4"
7/8"
Aluminum Grinding
12,200
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8406
5"
1/4"
5/8"-11
Aluminum Grinding
12,200
DW8476
7"
1/4"
7/8"
Aluminum Grinding
8,700
DW8407
7"
1/4"
5/8"-11
Aluminum Grinding
8,700
DW8409
9"
1/4"
5/8"-11
Aluminum Grinding
6,600
Type 27
C
A
B
A = Diameter B = Thickness C = Arbor
ALUMINUM
TYPE 27 - GRINDING
WHEELS/CUTTING WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8434
4-1/2"
1/8"
7/8"
Pipeline Cutting/Grinding
13,300
DW8435
4-1/2"
1/8"
5/8"-11
Pipeline Cutting/Grinding
13,300
DW8484
5"
1/8"
7/8"
Pipeline Cutting/Grinding
12,200
DW8436
5"
1/8"
5/8"-11
Pipeline Cutting/Grinding
12,200
DW8485
6"
1/8"
7/8"
Pipeline Cutting/Grinding
10,100
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8438
6"
1/8"
5/8"-11
Pipeline Cutting/Grinding
10,100
DW8486
7"
1/8"
7/8"
Pipeline Cutting/Grinding
8,700
DW8437
7"
1/8"
5/8"-11
Pipeline Cutting/Grinding
8,700
DW8487
9"
1/8"
7/8"
Pipeline Cutting/Grinding
6,600
DW8439
9"
1/8"
5/8"-11
Pipeline Cutting/Grinding
6,600
Type
27
C
A
B
A = Diameter
B
=
Thickness
C
=
Arbor
PIPELINE CUTTING & GRINDING
TYPE 27 - GRINDING
WHEELS/CUTTING WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8420
4"
.045"
5/8"
Metal Cutting
15,200
DW8424
4-1/2"
.045"
7/8"
Metal Cutting
13,300
DW8425
5"
.045"
7/8"
Metal Cutting
12,200
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8426
6"
.045"
7/8"
Metal Cutting
10,100
DW8427
7"
.045"
7/8"
Metal Cutting
8,700
Type 27
C
A
B
A = Diameter B = Thickness C = Arbor
METAL THIN CUTTING STAINLESS STEEL
TYPE 28 - GENERAL PURPOSE
GRINDING
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Metal Grinding
DW8445
7"
1/4"
7/8"
Metal Grinding
8,700
DW8446
7"
1/4"
5/8"-11
Metal Grinding
8,700
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8447
9"
1/4"
7/8"
Metal Grinding
6,600
DW8448
9"
1/4"
5/8"-11
Metal Grinding
6,600
GENERAL PURPOSE
A = Diameter B = Thickness C = Arbor
Type 28
C
A
B
Free of Iron,
Sulfur &
Chlorine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com