Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DW5708 Arkusz danych(PDF) 14 Page - List of Unclassifed Manufacturers

Numer części DW5708
Szczegółowy opis  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

DW5708 Arkusz danych(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DW5708 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 12Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 13Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 14Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 15Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
HEAVY-DUTY ACCESSORIES
34
JIG SAW BLADES
CAT #
LENGTH
TPI
APPLICATION
SHANK
2 Packs
DW3700H2
4"
6
Fast Wood Cutting HCS
U
DW3703H2
4"
6
Fast, Clean Wood Cutting HCS
U
DW3705H2
4"
8
Aluminum/Fiberglass HCS
U
DW3710H2
4"
10
Fine Finish Wood Cutting HCS
U
DW3712H2
4"
10
Downcutting HCS
U
DW3715H2
3"
12
Scrolling HCS
U
DW3750H2
4"
6
Fast Wood Cutting HCS
T
DW3753H2
4"
6
Fast, Clean Wood Cutting HCS
T
DW3755H2
4"
8
Aluminum/Fiberglass HCS
T
DW3760H2
4"
10
Fine Finish Wood Cutting HCS
T
DW3762H2
4"
10
Downcutting HCS
T
DW3765H2
3"
12
Scrolling HCS
T
5 Packs
DW3700H
4"
6
Fast Wood Cutting HCS
U
DW3703H
4"
6
Fast, Clean Wood Cutting HCS
U
DW3705H
4"
8
Aluminum/Fiberglass HCS
U
DW3710H
4"
10
Fine Finish Wood Cutting HCS
U
DW3712H
4"
10
Downcutting HCS
U
DW3715H
3"
12
Scrolling HCS
U
DW3720-5
3"
14
Thick Metal Cutting BiMetal
U
DW3724-5
3"
18
Medium Metal Cutting BiMetal
U
DW3726-5
3"
24
Thin Metal Cutting BiMetal
U
DW3728-5
3"
36
Sheet Metal Cutting BiMetal
U
DW3750H
4"
6
Fast Wood Cutting HCS
T
DW3753H
4"
6
Fast, Clean Wood Cutting HCS
T
DW3755H
4"
8
Aluminum/Fiberglass HCS
T
CAT #
LENGTH
TPI
APPLICATION
SHANK
5 Packs (continued)
DW3760H
4"
10
Fine Finish Wood Cutting HCS
T
DW3762H
4"
10
Downcutting HCS
T
DW3765H
3"
12
Scrolling HCS
T
DW3770-5
3"
14
Thick Metal Cutting BiMetal
T
DW3774-5
3"
18
Medium Metal Cutting BiMetal
T
DW3776-5
3"
24
Thin Metal Cutting BiMetal
T
DW3778-5
3"
36
Sheet Metal Cutting BiMetal
T
50 Packs
DW3700H50
4"
6
Fast Wood Cutting HCS
U
DW3703H50
4"
6
Fast, Clean Wood Cutting HCS
U
DW3710H50
4"
10
Fine Finish Wood Cutting HCS
U
DW3712H50
4"
10
Downcutting HCS
U
DW3715H50
3"
12
Scrolling HCS
U
DW3720B50
3"
14
Thick Metal Cutting BiMetal
U
DW3724B50
3"
18
Medium Metal Cutting BiMetal
U
DW3726B50
3"
24
Thin Metal Cutting BiMetal
U
DW3728B50
3"
36
Sheet Metal Cutting BiMetal
U
DW3750H50
4"
6
Fast Wood Cutting HCS
T
DW3753H50
4"
6
Fast, Clean Wood Cutting HCS
T
DW3755H50
4"
8
Aluminum/Fiberglass HCS
T
DW3760H50
4"
10
Fine Finish Wood Cutting HCS
T
DW3762H50
4"
10
Downcutting HCS
T
DW3770B50
3"
14
Thick Metal Cutting BiMetal
T
DW3774B50
3"
18
Medium Metal Cutting BiMetal
T
DW3776B50
3"
24
Thin Metal Cutting BiMetal
T
DW3778B50
3"
36
Sheet Metal Cutting BiMetal
T
PORTABLE
BANDSAW BLADES
CAT #
LENGTH
HEIGHT
THICKNESS
TPI
3 Packs
DW3981
44-7/8"
1/2"
.020"
10
DW3982
44-7/8"
1/2"
.020"
14
DW3983
44-7/8"
1/2"
.020"
18
DW3984
44-7/8"
1/2"
.020"
24
DW3985
44-7/8"
1/2"
.020"
10/14
DW3986
44-7/8"
1/2"
.020"
14/18
DW3987
44-7/8"
1/2"
.025"
10
DW3988
44-7/8"
1/2"
.025"
14
DW3989
44-7/8"
1/2"
.025"
18
DW3991
44-7/8"
1/2"
.025"
10/14
DW3992
44-7/8"
1/2"
.025"
14/18
100 Packs
DW3981B
44-7/8"
1/2"
.020"
10
DW3982B
44-7/8"
1/2"
.020"
14
DW3983B
44-7/8"
1/2"
.020"
18
DW3984B
44-7/8"
1/2"
.020"
24
DW3985B
44-7/8"
1/2"
.020"
10/14
DW3986B
44-7/8"
1/2"
.020"
14/18
PVC SAW &
BLADES
CAT #
DESCRIPTION
DW3993
18" Blade & Handle
DW3994
12" Blade & Handle
DW3995
18" Replacement Blade
DW3996
12" Replacement Blade
U Shank
T Shank
DW3791
8 Piece T-
Shank Jig
Saw Blade
Set
DW3790
8 Piece
Bi-Metal
U-Shank
Jig Saw
Blade Set
DW3792H
8 Piece
HCS/HSS
U-Shank
Jig Saw
Blade Set
DW3799
25 Piece HCS
U-Shank
Jig Saw
Blade Set
DW3795H
5 Piece
T-Shank
Jig Saw
Blade Set
Flush Cutting Capability
HACK SAW FRAME
& BLADES
CAT #
DESCRIPTION
Frame
DW3970 12" High Tension Frame
CAT #
LENGTH
TPI
Blades
DW3971
10"
18
DW3972
10"
24
DW3973
10"
32
DW3974
12"
14
DW3975
12"
18
DW3976
12"
24
DW3977
12"
32
CAT #
LENGTH
TPI
10 Packs
DW3971-10
10"
18
DW3972-10
10"
24
DW3973-10
10"
32
DW3974-10
12"
14
DW3975-10
12"
18
DW3976-10
12"
24
DW3977-10
12"
32
100 Packs
DW3974B
12"
14
DW3975B
12"
18
DW3976B
12"
24
DW3977B
12"
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com