Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DW5708 Arkusz danych(PDF) 12 Page - List of Unclassifed Manufacturers

Numer części DW5708
Szczegółowy opis  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

DW5708 Arkusz danych(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DW5708 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 12Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 13Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 14Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 15Page - List of Unclassifed Manufacturers DW5708 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
HEAVY-DUTY ACCESSORIES
32
ONE & TWO PIECE
CARBIDE CORE BITS
CAT #
DESCRIPTION
ONE PIECE SDS Max Shank
DW5914
1-3/4" x 12" Core Bit
DW5915
1-3/4" x 22" Core Bit
DW5916
2" x 12" Core Bit
DW5917
2" x 22" Core Bit
DW5918
2-3/4" x 12" Core Bit
DW5919
2-3/4" x 22" Core Bit
DW5920
3-1/4" x 12" Core Bit
DW5921
3-1/4" x 22" Core Bit
DW5922
3-1/2" x 12" Core Bit
DW5923
3-1/2" x 22" Core Bit
DW5924
4" x 12" Core Bit
DW5925
4" x 22" Core Bit
DW5926
5" x 22" Core Bit
DW5927
6" x 22" Core Bit
DW5945
Replacement Centering Bit
CAT #
DESCRIPTION
ONE PIECE Spline Shank
DW5930
1-3/4" x 12" Core Bit
DW5931
1-3/4" x 22" Core Bit
DW5932
2" x 12" Core Bit
DW5933
2" x 22" Core Bit
DW5934
2-3/4" x 12" Core Bit
DW5935
2-3/4" x 22" Core Bit
DW5936
3-1/4" x 12" Core Bit
DW5937
3-1/4" x 22" Core Bit
DW5938
3-1/2" x 12" Core Bit
DW5939
3-1/2" x 22" Core Bit
DW5940
4" x 12" Core Bit
DW5941
4" x 22" Core Bit
DW5942
5" x 22" Core Bit
DW5943
6" x 22" Core Bit
DW5945
Replacement Centering Bit
CAT #
DESCRIPTION
TWO PIECE Carbide Core Bits
DW5900
1-1/2" x 4" Core Bit Body
DW5901
2" x 4" Core Bit Body
DW5902
2-1/2" x 4" Core Bit Body
DW5903
3" x 4" Core Bit Body
DW5904
3-1/2" x 4" Core Bit Body
DW5905
4" x 4" Core Bit Body
DW5906
5" x 4" Core Bit Body
DW5907
Centering Bit
DW5908
Thread Adapter
DW5909
7" Spline Core Bit Shank
DW5910
16" Spline Core Bit Shank
DW5911
7" SDS Max Core Bit Shank
DW5912
16" SDS Max Core Bit Shank
BI-METAL HOLE SAWS
CAT #
SIZE
SIZE
SPEED
PIPE ENTRANCE*
PIPE TAP
Imperial
Metric
in steel
In
mm
In
mm
D180009
9/16"
14
550
-
-
-
-
D180010
5/8"
16
530
-
-
-
-
D180011
11/16"
17
500
-
-
-
-
D180012
3/4"
19
460
3/8
10
1/2
13
D180098
20
425
-
-
-
-
D180013
13/16"
21
425
-
-
-
-
D180014
7/8"
22
390
1/2
13
3/4
19
D180015
15/16"
24
370
-
-
-
-
D180016
1"
25
350
-
-
-
-
D180017
1-1/16"
27
325
-
-
-
-
D180018
1-1/8"
29
300
3/4
19
1
25
D180019
1-3/16"
30
285
-
-
-
-
D180020
1-1/4"
32
275
-
-
-
-
D180021
1-5/16"
33
260
-
-
-
-
D180022
1-3/8"
35
250
1
25
-
-
D180023
1-7/16"
37
240
-
-
-
-
D180024
1-1/2"
38
230
-
-
1-1/4
32
D180025
1-9/16"
40
220
-
-
-
-
D180026
1-5/8"
41
210
-
-
-
-
D180027 1-11/16"
43
205
-
-
-
-
D180028
1-3/4"
44
195
1-1/4
32
1-1/2
38
D180029 1-13/16"
46
190
-
-
-
-
D180030
1-7/8"
48
180
-
-
-
-
D180032
2"
51
170
1-1/2
38
-
-
D180033
2-1/16"
52
165
-
-
-
-
D180034
2-1/8"
54
160
-
-
-
-
CAT #
SIZE
SIZE
SPEED
PIPE ENTRANCE*
PIPE TAP
Imperial
Metric
in steel
In
mm
In
mm
D180036
2-1/4"
57
150
-
-
2
51
D180038
2-3/8"
60
140
-
-
-
-
D180040
2-1/2"
64
135
2
51
-
-
D180041
2-9/16"
65
130
-
-
-
-
D180042
2-5/8"
67
130
-
-
2-1/2
64
D180043
68
125
-
-
-
-
D180044
2-3/4"
70
125
-
-
-
-
D180046
2-7/8"
73
120
-
-
-
-
D180048
3"
76
115
2-1/2
64
-
-
D180050
3-1/8"
79
110
-
-
-
-
D180052
3-1/4"
83
105
-
-
3
76
D180054
3-3/8"
86
100
-
-
-
-
D180056
3-1/2"
89
95
-
-
-
-
D180058
3-5/8"
92
95
3
76
-
-
D180060
3-3/4"
94
90
-
-
3-1/2
89
D180062
3-7/8"
98
85
-
-
-
-
D180064
4"
102
85
-
-
-
-
D180066
4-1/8"
105
85
3-1/2
89
-
-
D180068
4-1/4"
108
80
-
-
4
102
D180072
4-1/2"
114
75
-
-
-
-
D180076
4-3/4"
121
70
-
-
4-1/2
114
D180080
5"
127
65
-
-
-
-
D180088
5-1/2"
140
60
-
-
-
-
D180096
6"
152
55
-
-
-
-
*Recommended – Values refer to nominal pipe size
Competition
Wider Shoulder Adds Tooth Strength
Double Tooth
Design
Increases life
for greater
number of holes
HOLE SAW MANDRELS
CAT #
SHANK
TYPE
HOLE SAW
DIAMETER
DW1800
1/4" shank
Standard
9/16"– 1-3/16"
DW1801
3/8" shank
Standard
9/16"– 1-3/16"
DW1810
3/8" shank
Quick Change
9/16"– 1-3/16"
DW1802
7/16" shank
Standard
1-1/4"– 6"
DW1803
7/16" shank
Quick Change
1-1/4"– 6"
DW1805
3/8" shank
Quick Change
1-1/4"–3"
DW1808
Pilot Bit
DW1818
3/8" shank
Standard
1-1/4"– 3"
DW1807
Short Pilot Bit
Only Universal Quick Change Mandrel
for 9/16"–1-3/16" Hole Saws
D180001(not pictured)
9 Piece Plumber’s
Hole Saw Kit
Contains: 3/4", 7/8",
1-1/8", 1-1/2", 1-3/4",
2-1/4", DW1803, DW1810
D180002 (not pictured)
9 Piece Electrician’s
Hole Saw Kit
Contains: 7/8", 1-1/8",
1-3/8", 1-3/4", 2", 2-
1/2", DW1803, DW1810
D180005
14 Piece Master
Hole Saw Kit
Contains: 3/4", 7/8", 1",
1-1/8", 1-3/8", 1-1/2", 1-
3/4", 2", 2-1/8", 2-1/4", 2-
1/2", DW1803, DW1810
D180004
Bi-Metal Door Lock
Installation Kit Contains:
Drill guide, 2-1/8" bi-metal
hole saw, 1" bi-metal hole
saw, mandrel with pilot drill
bit, mandrel adapter with
washer, detailed instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com