Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-TA160SA120 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części VS-TA160SA120
Szczegółowy opis  SOT-227 Single Thyristor Power Module, 160 A, 1200 VS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-TA160SA120 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  VS-TA160SA120 Datasheet HTML 1Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 2Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 3Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 4Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 5Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 6Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-TA160SA120
www.vishay.com
Vishay Semiconductors
Revision: 11-Oct-2021
4
Document Number: 95955
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average On-State Current (Current Rating Characteristics)
Fig. 6 - Average Power Loss vs. Average Forward Current
(Forward Power Loss Characteristics)
Fig. 7 - Average Power Loss vs. Average Forward Current
(Forward Power Loss Characteristics)
Fig. 8 - ITSM vs. N
(Non-Repetitive peak Forward Surge Current vs. Number Pulses)
Fig. 9 - ITSM vs. tp (Non-Repetitive peak Forward Surge Current vs. Pulse Duration)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
Average On-State Current (A)
R
thJC (DC) = 0.2 °C/W
30°
60°
90° 120°
180°
DC
Conduction period
Ø
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
50
100
150
200
250
300
I
T(AV) - Average Forward Current (A)
180°
120°
90°
60°
30°
Conduction
Angle
RMS
limit
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
50 100 150 200 250 300 350 400 450 500
I
T(AV) - Average Forward Current (A)
Conduction
Period
DC
180°
120°
90°
60°
30°
RMS
limit
400
500
600
700
800
900
1000
1100
1200
1300
1400
110
100
Number of Equal Amplitude Half Cycle Current Pulses (N)
at 60Hz 0.0083 s
at 50Hz 0.01 s
Rated V
RRM reapplied
Initial T
J = 150 °C
400
500
600
700
800
900
1000
1100
1200
1300
1400
0.01
0.1
1
t
p (s)
V
R = 0
V
R = VRRM
Initial T
J = 150 °C



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com