Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-TA160SA120 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części VS-TA160SA120
Szczegółowy opis  SOT-227 Single Thyristor Power Module, 160 A, 1200 VS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-TA160SA120 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  VS-TA160SA120 Datasheet HTML 1Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 2Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 3Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 4Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 5Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 6Page - Vishay Siliconix VS-TA160SA120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-TA160SA120
www.vishay.com
Vishay Semiconductors
Revision: 11-Oct-2021
5
Document Number: 95955
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - ZthJC Thermal Impedance Junction to Case vs. t1 Rectangular Pulse Duration (Maximum Thermal Impedance ZthJC Characteristics)
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT CONFIGURATION CODE
CIRCUIT DRAWING
Single thyristor
S
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95423
Packaging information
www.vishay.com/doc?95425
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
t
1 - Rectangular Pulse Duration (s)
0.50
0.20
0.10
0.05
0.02
0.01
DC
2
-
Thyristor dice
1
-
Vishay Semiconductors product
3
4
-
Rating current
5
-
Single thyristor
6
-
Isolated SOT-227
7
-
Voltage rating 120 = 1200 V
Device code
2
1
4
3
6
7
5
T
VS-
A
160
S
A
120
-
Present silicon generation
1
4
3
2
Lead Assignment
1, 4
2
3



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com