Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLES025 Arkusz danych(PDF) 32 Page - Texas Instruments

Numer części SLES025
Szczegółowy opis  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SLES025 Arkusz danych(HTML) 32 Page - Texas Instruments

Back Button SLES025 Datasheet HTML 28Page - Texas Instruments SLES025 Datasheet HTML 29Page - Texas Instruments SLES025 Datasheet HTML 30Page - Texas Instruments SLES025 Datasheet HTML 31Page - Texas Instruments SLES025 Datasheet HTML 32Page - Texas Instruments SLES025 Datasheet HTML 33Page - Texas Instruments SLES025 Datasheet HTML 34Page - Texas Instruments SLES025 Datasheet HTML 35Page - Texas Instruments SLES025 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Revision History
REV
ECN Number
Approved
ti
12500 T.I. Boulevard, Dallas, Texas 75243 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
20-Aug-2008
DRAWN BY
ENGINEER
A
DATA ACQUISITION PRODUCTS
HIGH PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
Steve Leggio
Mike Tsecouras
A
13
TLV320AIC3204_54_RHB_EVM
DOCUMENT CONTROL NO.N/A
DOUT
TP19
DOUT
BCLK
WCLK
DIN
TP22
BCLK
TP21
WCLK
TP20
DIN
MCLK
TP23
MCLK
C30
0.1uF
C35
22uF
TP3
IN2_L
1
2
3
J3
IN2
C3
0.47uF
C4
0.47uF
TP4
IN2_R
TP1
IN1_L
1
2
3
J2
IN1
C1
0.47uF
C2
0.47uF
TP2
IN1_R
HEADPHONE JACK
IOVDD
C26
0.1uF
C31
10uF
1
2
W16
SCLK
LOR
LOL
IN3_R
IN3_L
MICBIAS
REF
MCLK
BCLK
WCLK
DIN
DOUT
C21
47uF
C22
47uF
TP12
HPR
TP11
HPL
1
2
3
J8
HEADPHONE
C19
47nF
R9
100
R29
16
C20
47nF
R10
100
R30
16
HPR
HPL
5
1
3
4
2
J9
SJ1-3515-SMT
TP24
GPIO
1
2
W11
1
2
W12
MISO
MOSI
/SS
R25
4.7K
IOVDD
HPVDD
C29
0.1uF
C34
22uF
C27
0.1uF
C32
10uF
TP14
SDA
TP13
SCL
SCL
SDA
+3.3VD
VCC
8
VSS
4
SDA
5
SCL
6
A0
1
A1
2
A2
3
WP
7
U2
MICROCHIP_24LC64
R36
2.7K
R35
2.7K
W13
R34
2.7K
C23
0.1uF
+3.3VD
RED
C25
0.1uF
1A
1
1B
2
1Y
7
VCC
8
GND
4
2Y
3
2B
6
2A
5
U4
SN74LVC2G00
2
1
3
SW3
/RESET
+3.3VD
R33
10K
+3.3VD
R32
10K
TP25
/RESET
R31
332
C24
0.1uF
+3.3VD
D1
/RESET
A
1
B
2
Y
4
VCC
5
GND
3
U3
SN74LVC1G08
/RESET
R28
4.7K
+3.3VD
1
2
W15
"RESET"
SHOWN POSITION
"/RESET"
C28
0.1uF
C33
22uF
+1.8VA
+1.8VD
IOVDD
R26
4.7K
TP16
MOSI
TP17
SCLK
TP15
/SS
TP18
MISO
C17
47nF
C18
47nF
R7
100
R8
100
C15
1.0uF
C16
1.0uF
LINE OUT
1
2
3
J6
LINE OUT
LOR
LOL
5
1
3
4
2
J7
SJ1-3515-SMT
TP9
LOL
TP10
LOR
TP33
LDO_SEL
TP30
AVDD
5
4
2
3
6
1
8
7
9
11
10
12
SW2
4PDT_ESW_EG4208
5
4
2
3
6
1
8
7
9
11
10
12
SW1
4PDT_ESW_EG4208
MCLK
1
BCLK
2
WCLK
3
DIN
4
DOUT
5
IOVDD
6
IOVSS
7
SCLK/MIC_DET
8
AVSS
17
REF
18
MICBIAS
19
IN3_L
20
IN3_R
21
LOL
22
LOR
23
AVDD
24
PPAD
0
U1
TLV320AIC3254
TP26
VREF
IN1_L
IN1_R
IN2_L
IN2_R
TP31
HPVDD
TP32
DVDD
EXT MIC IN
5
1
3
4
2
J1
SJ1-3515-SMT
R11
0
R12
0
C14
NI
C13
NI
C12
NI
SW1:
I2C SEL = 0
SPI SEL = 1
SW2:
EXTERNAL AVDD & DVDD = 0
INTERNAL AVDD & DVDD = 1
IOVDD
R27
4.7K
TP27
SPI_SEL
TP29
SDA/MOSI
TP28
SCL/SSZ
W14
SCLK/MIC_DET
MIC DET used
only with I2C
interface.
TP6
IN3_L
R6
1.0K
C6
0.47uF
C5
47uF
R1
1.0K
C7
0.47uF
R5
1.0K
5
1
3
4
2
J5
SJ1-3515-SMT
1
2
MK1
MD9745APZ-F
R2
100K
1
2
3
J4
EXT MIC IN
ONBOARD MIC
TP7
IN3_R
R4
1.2K
R3
2.2K
C10
NI
C11
NI
1
3
W1
MIC BIAS SEL
1
3
W8
1
2
W4
1
2
W5
1
2
W6
TP5
MIC BIAS
R19
0
R20
0
R21
0
R22
0
R13
0
R14
0
R15
0
R16
0
R17
0
R18
0
R24
0
R23
0
TEST ONLY
5
1
3
4
2
J10
SJ1-3515-SMT
C10, and C11 are
not installed, but
can be used to filter
noise.
HEADPHONE
1
2
W23
1
2
W22
TP8
EXT.BIAS
1
2
W7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com