Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLES025 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SLES025
Szczegółowy opis  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SLES025 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SLES025 Datasheet HTML 3Page - Texas Instruments SLES025 Datasheet HTML 4Page - Texas Instruments SLES025 Datasheet HTML 5Page - Texas Instruments SLES025 Datasheet HTML 6Page - Texas Instruments SLES025 Datasheet HTML 7Page - Texas Instruments SLES025 Datasheet HTML 8Page - Texas Instruments SLES025 Datasheet HTML 9Page - Texas Instruments SLES025 Datasheet HTML 10Page - Texas Instruments SLES025 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
www.ti.com
TLV320AIC3204EVM-K Setup and Installation
2.5.1
Stand-Alone Operation
When used as a stand-alone EVM, power is applied to P23/J23 directly, making sure to reference the
supplies to the appropriate grounds on that connector.
CAUTION
Verify that all power supplies are within the safe operating limits shown on the
TLV320AIC3204 data sheet before applying power to the EVM.
P23/J23 provides connection to the common power bus for the TLV320AIC3204EVM. Power is supplied
on the pins listed in Table 6.
The TLV320AIC3204EVM-K motherboard (the USB-MODEVM Interface board) supplies power to P23/J23
of the TLV320AIC3204EVM. Power for the motherboard is supplied either through its USB connection or
via terminal blocks on that board.
2.5.2
USB-MODEVM Operation
The USB-MODEVM Interface board can be powered from several different sources:
•
USB
•
6-Vdc to 10-Vdc AC/DC external wall supply (not included)
•
Laboratory power supply
When powered from the USB connection, JMP6 must have a shunt from pins 1–2 (this is the default
factory configuration). When powered from 6-Vdc to 10-Vdc power supply, either through the J8 terminal
block or J9 barrel jack, JMP6 must have a shunt installed on pins 2–3. If power is applied in any of these
ways, onboard regulators generate the required supply voltages, and no further power supplies are
necessary.
If laboratory supplies are used to provide the individual voltages required by the USB-MODEVM Interface,
JMP6 must have no shunt installed. Voltages are then applied to J2 (+5VA), J3 (+5VD), J4 (+1.8VD), and
J5 (+3.3VD). The +1.8VD and +3.3VD can also be generated on the board by the onboard regulators from
the +5VD supply; to enable this configuration, the switches on SW1 need to be set to enable the
regulators by placing them in the ON position (lower position, looking at the board with text reading right-
side up). If +1.8VD and +3.3VD are supplied externally, disable the onboard regulators by placing SW1
switches in the OFF position.
Each power supply voltage has an LED (D1-D7) that illuminates when the power supplies are active.
3
TLV320AIC3204EVM-K Setup and Installation
The following section provides information on using the TLV320AIC3204EVM-K, including setup, program
installation, and program usage.
NOTE:
If using the EVM in stand-alone mode, the software must be installed per the following
instructions, but the hardware configuration may be different.
3.1
Software Installation
1. Download the latest version of the AIC3204 Control Software (CS) located in the
TLV320AIC3204EVM-K Product Folder.
2. Open the self-extracting installation file.
3. Extract the software to a known folder.
4. Install the EVM software by double-clicking the Setup executable, and follow the directions. The user
may be prompted to restart their computer.
This installs all the TLV320AIC3204EVM-K software and required drivers onto the PC.
7
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com