Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLES025 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SLES025
Szczegółowy opis  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SLES025 Arkusz danych(HTML) 3 Page - Texas Instruments

  SLES025 Datasheet HTML 1Page - Texas Instruments SLES025 Datasheet HTML 2Page - Texas Instruments SLES025 Datasheet HTML 3Page - Texas Instruments SLES025 Datasheet HTML 4Page - Texas Instruments SLES025 Datasheet HTML 5Page - Texas Instruments SLES025 Datasheet HTML 6Page - Texas Instruments SLES025 Datasheet HTML 7Page - Texas Instruments SLES025 Datasheet HTML 8Page - Texas Instruments SLES025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
www.ti.com
EVM Overview
1
EVM Overview
1.1
Features
•
Full-featured evaluation board for the TLV320AIC3204 stereo audio codec.
•
USB connection to PC provides power, control, and streaming audio data for easy evaluation.
•
Onboard microphone for ADC evaluation
•
Connection points for external control and digital audio signals for quick connection to other
circuits/input devices.
The TLV320AIC3204EVM-K is a complete evaluation kit, which includes a universal serial bus (USB)-
based motherboard and evaluation software for use with a personal computer running the Microsoft
Windows® operating system (Win2000 or XP).
1.2
Introduction
The TLV320AIC3204EVM is in the Texas Instruments (TI) modular EVM form factor, which allows direct
evaluation of the device performance and operating characteristics and eases software development and
system prototyping.
The TLV320AIC3204EVM-K is a complete evaluation/demonstration kit, which includes a USB-based
motherboard called the USB-MODEVM Interface board and evaluation software for use with a personal
computer (PC) running the Microsoft Windows operating systems.
The TLV320AIC3204EVM is operational with one USB cable connection to a PC. The USB connection
provides power, control, and streaming audio data to the EVM for reduced setup and configuration. The
EVM also allows external control signals, audio data, and power for advanced operation, which allows
prototyping and connection to the rest of the development or system evaluation.
2
EVM Description and Basics
This section provides information on the analog input and output, digital control, power, and general
connection of the TLV320AIC3204EVM.
2.1
TLV320AIC3204EVM-K Block Diagram
The TLV320AIC3204EVM-K consists of two separate circuit boards, the USB-MODEVM and the
TLV320AIC3204EVM. The USB-MODEVM is built around the TAS1020B streaming audio USB controller
with an 8051-based core. The motherboard features two positions for modular EVMs, or one double-wide
serial modular EVM can be installed. The TLV320AIC3204EVM is one of the double-wide modular EVMs
that is designed to work with the USB-MODEVM.
The simple diagram of Figure 1 shows how the TLV320AIC3204EVM is connected to the USB-MODEVM.
The USB-MODEVM Interface board is intended to be used in USB mode, where control of the installed
EVM is accomplished using the onboard USB controller device. Provision is made, however, for driving all
the data buses ( I
2C™, SPI™, I2S, etc.) externally. The source of these signals is controlled by SW2 on
the USB-MODEVM. See Table 1 for details on the switch settings.
The USB-MODEVM has two EVM positions that allow for the connection of two small evaluation module
or one larger evaluation module. The TLV320AIC3204EVM is designed to fit over both of the smaller
evaluation module slots as shown in Figure 1
3
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com