Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PFS5274F2 Arkusz danych(PDF) 15 Page - Power Integrations, Inc.

Numer części PFS5274F2
Szczegółowy opis  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERINT [Power Integrations, Inc.]
Strona internetowa  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5274F2 Arkusz danych(HTML) 15 Page - Power Integrations, Inc.

Back Button PFS5274F2 Datasheet HTML 11Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 12Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 13Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 14Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 15Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 16Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 17Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 18Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Rev. C 03/22
15
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
Line Sense / Peak Detector
Line Sense and Peak
detector input voltage
(Line-Sense Input
Voltage Range)
V
V(RANGE)
The voltage on V may exceed the upper
specification, however the line sense function
is saturated at its full scale. Not tested.
4
V
Brown-In
Threshold Voltage
V
BR+
0 ºC < T
J < 100 °C
1.12
V
Brown-In
Threshold Voltage
V
BR-
0 ºC < T
J < 100 °C
0.97
V
Brown-Out Threshold for
Square Wave (Brown-Out
Threshold for High Duty
Cycle Square Wave)
V
BR(SQ)
0 ºC < T
J < 100 °C
0.86
V
Soft-Start Brown-Out
Threshold Voltage
(Start-Up Brown-Out
Threshold Voltage
(During NTC Warm-Up
Time))
V
BR(NTC)
0 ºC < T
J < 100 °C
0.74
V
Brown-In/Out Hysteresis
(V
BR+ - VBR-) (Brown-In /
Out Hysteresis (After
NTC Warm-Up Time)
V
BR(HYST)
0 ºC < T
J < 100 °C
130
145
160
mV
Brown-Out
Debounce Timer
t
Brown-Out
See Note A
54
66
ms
Brown-Out Debounce
Timer During Start-Up
with VBR_NTC Threshold
t
Brown-Out(NTC)
Triggered during startup
(while t
STARTUP is active) if the peak of the V pin
is lower than V
BR-NTC.
1000
1160
ms
Start-Up Timer for Using
Lower Brown-Out
Threshold (V
BR-NTC)
t
START-UP
The timer is triggered when switching starts.
The timer aborts when a peak < V
BR-NTC. The
timer restarts at zero when a peak > V
BR-NTC.
When timer expires, the higher brown-out
threshold V
BR- is applied
1000
1160
ms
V Pin High-Line
Threshold
V
V(HIGH+)
(170 VAC)
2.42
V
V Pin High-Line
Deassertion Threshold
V
V(HIGH-)
(140 VAC)
2.00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com