Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PFS5274F2 Arkusz danych(PDF) 16 Page - Power Integrations, Inc.

Numer części PFS5274F2
Szczegółowy opis  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERINT [Power Integrations, Inc.]
Strona internetowa  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5274F2 Arkusz danych(HTML) 16 Page - Power Integrations, Inc.

Back Button PFS5274F2 Datasheet HTML 12Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 13Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 14Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 15Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 16Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 17Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 18Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 19Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Rev. C 03/22
16
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
Current Limit / Circuit Protection
Over-Current
Protection Limit1
I
OCP
T
JI = 0 °C to
100 °C
Full Power
A
di/dt =
293 mA/µs
PFS5x73F
V
V < 2 V
3.1
V
V > 2.42 V
2.1
di/dt =
437 mA/µs
PFS5x74F
V
V < 2 V
4.4
V
V > 2.42 V
3.0
di/dt =
494 mA/µs
PFS5x75F
V
V < 2 V
5.2
V
V > 2.42 V
3.6
di/dt =
627 mA/µs
PFS5x76F
V
V < 2 V
6.6
V
V > 2.42 V
4.7
di/dt =
703 mA/µs
PFS5x77F
V
V < 2 V
7.4
V
V > 2.42 V
5.2
di/dt =
836 mA/µs
PFS5x78F
V
V < 2 V
9.3
V
V > 2.42 V
7.3
Over-Current
Protection Limit1
I
OCP
T
JI = 0 °C to
100 °C
90% Full Power
A
di/dt =
263 mA/µs
PFS5x73F
V
V < 2 V
2.8
V
V > 2.42 V
1.9
di/dt =
393 mA/µs
PFS5x74F
V
V < 2 V
4.0
V
V > 2.42 V
2.8
di/dt =
445 mA/µs
PFS5x75F
V
V < 2 V
4.7
V
V > 2.42 V
3.3
di/dt =
564 mA/µs
PFS5x76F
V
V < 2 V
6.0
V
V > 2.42 V
4.2
di/dt =
633 mA/µs
PFS5x77F
V
V < 2 V
6.7
V
V > 2.42 V
4.7
di/dt =
752 mA/µs
PFS5x78F
V
V < 2 V
8.4
V
V > 2.42 V
6.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com