Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PFS5274F2 Arkusz danych(PDF) 19 Page - Power Integrations, Inc.

Numer części PFS5274F2
Szczegółowy opis  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERINT [Power Integrations, Inc.]
Strona internetowa  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5274F2 Arkusz danych(HTML) 19 Page - Power Integrations, Inc.

Back Button PFS5274F2 Datasheet HTML 15Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 16Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 17Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 18Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 19Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 20Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 21Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 22Page - Power Integrations, Inc. PFS5274F2 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Rev. C 03/22
19
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
Power Good PFS517x Parts
Power Good Threshold
Set Reference Current
(Power Good Deassertion
Threshold Output
Reference Current)
I
PG(T)
0 °C < T
J < 100 °C; VPGT = 3.0 V
-10
µ
A
Power Good Delay Time
(From FB > V
PG+ to
PG < 1 V)
t
PG
0 °C < T
J < 100 °C; PG = 20 kΩ pull-up to
12 V from FB > V
PG+ to PG < 1 V
See Note A
<15
µ
s
Power Good State
Change Deglitch Time
t
PG(D)
T
J = 25 °C; Applies to rising and falling
transitions on the power good comparator
and detection of an open PGT pin. See Note A
81
µ
s
Power Good Internal
Reference Threshold
(Start-up Threshold)
(Power Good Internal
Assertion Threshold)
V
PG+
0 °C < T
J < 100 °C
3.55
3.65
3.75
V
Power Good
Relative Threshold
V
PG+REL(FB)
0 °C < T
J < 100 °C
V
FBREF
-0.2
V
Power Good
Deassertion Threshold
V
PG(VOL)
V (PGT) = 3 V
0 °C < T
J < 100 °C
V (PGT)
±30 mV
V
Power Good Pin Leakage
Current in Off-State
I
PG(OFF)
FB < V
PG(-)
0 °C < T
J < 100 °C
100
nA
Power Good
On-State Voltage
V
PG-
0 °C < T
J < 100 °C
I
PG = 1.0 mA; FB = 3.85 V
2
V
Thermal Protection (OTP)
Controller Junction
Temperature for
Shutdown
T
OTP+
Soft-shutdown is triggered when the silicon
exceeds this temperature
See Note A
138
°C
Controller Junction
Temperature for Restart
T
OTP-
Restart occurs if OTP hysteresis is enabled
when the silicon drops below this temperature
See Note A
81
°C
Over-Temperature
Hysteresis
T
OTP(HYST)
V > V
BR+
See Note A
57
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com