| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF/P63AA Arkusz danych(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P63AA Arkusz danych(HTML) 60 Page - STMicroelectronics |
|
60 / 116 page ![]() Electrical characteristics STM8AF6388 60/116 DocID031156 Rev 1 10.1.5 Pin input voltage The input voltage measurement on a pin of the device is described in Figure 10. Figure 10. Pin input voltage 10.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 18: Voltage characteristics, Table 19: Current characteristics and Table 20: Thermal characteristics may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect the device’s reliability. The device’s mission profile (application conditions) is compliant with the JEDEC JESD47 qualification standard, extended mission profiles are available on demand. STM8A PIN MSv37797V1 VIN Table 18. Voltage characteristics Symbol Ratings Min Max Unit VDDx - VSS Supply voltage (including VDDA and VDDIO)(1) 1. All power (VDD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be connected to the external power supply -0.3 6.5 V VIN Input voltage on true open drain pins (PE1, PE2)(2) 2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-drain pads, there is no positive injection current, and the corresponding VIN maximum must always be respected VSS - 0.3 6.5 Input voltage on any other pin(2) VSS - 0.3 VDD + 0.3 |VDDx - VDD| Variations between different power pins - 50 mV |VSSx - VSS| Variations between all the different ground pins - 50 VESD Electrostatic discharge voltage see Absolute maximum ratings (electrical sensitivity) on page 88 |