| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF/P63AA Arkusz danych(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P63AA Arkusz danych(HTML) 61 Page - STMicroelectronics |
|
61 / 116 page ![]() DocID031156 Rev 1 61/116 STM8AF6388 Electrical characteristics 114 Table 19. Current characteristics Symbol Ratings Max. Unit IVDDIO Total current into VDDIO power lines (source)(1)(2)(3) 1. All power (VDD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be connected to the external supply. 2. The total limit applies to the sum of operation and injected currents. 3. VDDIO includes the sum of the positive injection currents. VSSIO includes the sum of the negative injection currents. 100 mA IVSSIO Total current out of VSS IO ground lines (sink)(1)(2)(3) 100 IIO Output current sunk by any I/O and control pin 20 Output current source by any I/Os and control pin -20 IINJ(PIN)(4) 4. This condition is implicitly insured if VIN maximum is respected. If VIN maximum cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-drain pads, there is no positive injection current allowed and the corresponding VIN maximum must always be respected. Injected current on any pin ±10 IINJ(TOT) Sum of injected currents 50 Table 20. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range -65 to 150 °C TJ Maximum junction temperature 160 Table 21. Operating lifetime(1) 1. For detailed mission profile analysis, please contact the nearest ST Sales Office. Symbol Ratings Value Unit OLF Conforming to AEC-Q100 rev G −40 to 125 °C Grade 1 −40 to 150 °C Grade 0 |