| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF/P63AA Arkusz danych(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P63AA Arkusz danych(HTML) 66 Page - STMicroelectronics |
|
66 / 116 page ![]() Electrical characteristics STM8AF6388 66/116 DocID031156 Rev 1 Table 27. Programming current consumption Symbol Parameter Conditions Typ Max Unit IDD(PROG) Programming current VDD = 5 V, -40 °C to 150 °C, erasing and programming data or Flash program memory 1.0 1.7 mA Table 28. Typical peripheral current consumption VDD = 5.0 V(1) Symbol Parameter Typ. fmaster = 2 MHz Typ. fmaster = 16 MHz Typ. fmaster =24 MHz Unit IDD(TIM1) TIM1 supply current(2) 0.03 0.23 0.34 mA IDD(TIM2) TIM2 supply current (2) 0.02 0.12 0.19 IDD(TIM3) TIM3 supply current(2) 0.01 0.1 0.16 IDD(TIM4) TIM4 supply current(2) 0.004 0.03 0.05 IDD(USART) USART supply current(2) 0.03 0.09 0.15 IDD(LINUART) LINUART supply current(2) 0.03 0.11 0.18 IDD(SPI) SPI supply current(2) 0.01 0.04 0.07 IDD(I2C) I2C supply current(2) 0.02 0.06 0.91 IDD(AWU) AWU supply current(2) 0.003 0.02 0.05 IDD(TOT_DIG) All digital peripherals on 0.22 1 2.4 IDD(ADC) ADC supply current when converting(3) 0.93 0.95 0.96 1. Typical values not tested in production. Since the peripherals are powered by an internally regulated, constant digital supply voltage, the values are similar in the full supply voltage range. 2. Data based on a differential IDD measurement between no peripheral clocked and a single active peripheral. This measurement does not include the pad toggling consumption. 3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions. |