| Zakładka z wyszukiwarką danych komponentów |
|
AD9923ABBCZ Arkusz danych(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9923ABBCZ Arkusz danych(HTML) 47 Page - Analog Devices |
|
47 / 88 page ![]() AD9923A Rev. 0 | Page 47 of 88 VD SUBCK SUBCK PROGRAMMABLE SETTINGS: 1. PULSE POLARITY USING THE SUBCKPOL REGISTER. 2. NUMBER OF PULSES WITHIN THE FIELD USING THE SUBCKNUM REGISTER (SUBNUM = 3 IN THE ABOVE EXAMPLE). 3. PIXEL LOCATION OF PULSE WITHIN THE LINE AND PULSE WIDTH PROGRAMMED USING THE SUBCK1TOG REGISTER. tEXP VSG HD tEXP Figure 64. Normal Shutter Mode VD SUBCK NOTES 1. SECOND SUBCK PULSE IS ADDED IN THE LAST SUBCK LINE. 2. LOCATION OF SECOND PULSE IS FULLY PROGRAMMABLE USING THE SUBCK2TOG REGISTER. VSG HD tEXP tEXP Figure 65. High Precision Shutter Mode VD SUBCK NOTES 1. SUBCK CAN BE SUPPRESSED FOR MULTIPLE FIELDS BY PROGRAMMING THE EXPOSURE REGISTER TO BE GREATER THAN 0. 2. ABOVE EXAMPLE USES EXPOSURE = 1. 3. TRIGGER REGISTER MUST ALSO BE USED TO START THE LOW SPEED EXPOSURE. 4. VD/HD OUTPUTS CAN ALSO BE SUPPRESSED USING THE VDHDOFF REGISTER = 1. VSG TRIGGER EXPOSURE tEXP Figure 66. Low Speed Shutter Mode Using EXPOSURE Register |