Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9923ABBCZ Arkusz danych(PDF) 69 Page - Analog Devices

Numer części AD9923ABBCZ
Szczegółowy opis  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Arkusz danych(HTML) 69 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 65Page - Analog Devices AD9923ABBCZ Datasheet HTML 66Page - Analog Devices AD9923ABBCZ Datasheet HTML 67Page - Analog Devices AD9923ABBCZ Datasheet HTML 68Page - Analog Devices AD9923ABBCZ Datasheet HTML 69Page - Analog Devices AD9923ABBCZ Datasheet HTML 70Page - Analog Devices AD9923ABBCZ Datasheet HTML 71Page - Analog Devices AD9923ABBCZ Datasheet HTML 72Page - Analog Devices AD9923ABBCZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
AD9923A
Rev. 0 | Page 69 of 88
COMPLETE REGISTER LISTING
When an address contains less than 28 data bits, all remaining bits must be written as 0s.
Table 45. AFE Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
00
[1:0]
3
SCK
STANDBY
Standby modes.
0: normal operation.
1: Standby 1 mode.
2: Standby 2 mode.
3: Standby 3 mode.
[2]
1
CLPENABLE
0: disable OB clamp.
1: enable OB clamp.
[3]
0
CLPSPEED
0: select normal OB clamp settling.
1: select fast OB clamp settling.
[4]
0
FASTUPDATE
0: ignore VGA update.
1: very fast clamping when VGA is updated.
[5]
0
PBLK_LVL
0: blank data outputs to 0 during PBLK.
1: blank data outputs to programmed clamp level during PBLK.
[6]
0
DCBYP
0: enable input dc-restore circuit during PBLK.
1: disable input dc-restore circuit during PBLK.
[15:11]
0
XSUBCNT_MUX
Selects which internal signal is used for the XSUBCNT signal.
0: assign XV6 to XSUBCNT.
1: assign XV8 to XSUBCNT.
2: assign XV9 to XSUBCNT.
3: assign XV10 to XSUBCNT.
4: assign VSG5 to XSUBCNT.
5: assign VSG6 to XSUBCNT.
6: assign VSG7 to XSUBCNT.
7: assign VSG8 to XSUBCNT.
8: assign VSG2 to XSUBCNT.
9: assign VSG3 to XSUBCNT.
10: assign VSG4 to XSUBCNT.
11: assign VSG1 to XSUBCNT.
12: assign XV13 to XSUBCNT.
13: assign VSUB to XSUBCNT.
14: assign MSHUT to XSUBCNT.
15: assign STROBE to XSUBCNT.
16: assign XV1 to XSUBCNT.
17: assign XV2 to XSUBCNT.
18: assign XV3 to XSUBCNT.
19: assign XV4 to XSUBCNT.
20: assign XV5 to XSUBCNT.
21: assign XV7 to XSUBCNT.
22: assign XV11 to XSUBCNT.
23: assign XV12 to XSUBCNT.
24: assign SHUT0 to XSUBCNT.
25: assign SHUT1 to XSUBCNT.
26: assign SHUT2 to XSUBCNT.
27: assign SHUT3 to XSUBCNT.
28: assign FG_TRIG to XSUBCNT.
29: invalid setting.
30: tie XSUBCNT high.
31: tie XSUBCNT low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88