| Zakładka z wyszukiwarką danych komponentów |
|
AD9923ABBCZ Arkusz danych(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9923ABBCZ Arkusz danych(HTML) 51 Page - Analog Devices |
|
51 / 88 page ![]() AD9923A Rev. 0 | Page 51 of 88 VD SHUT PROGRAMMABLE SETTINGS: 1ACTIVE POLARITY. DEFINES THE LOGIC LEVEL DURING ON TIME. ABOVE EXAMPLE USES ACTIVE POLARITY = 1. 2ON POSITION IS PROGRAMMABLE TO ANY LINE/PIXEL IN FIELD IMMEDIATELY FOLLOWING SINGLE TRIGGER WRITE. 3OFF POSITION IS PROGRAMMABLE TO ANY LINE/PIXEL IN FIELD IMMEDIATELY FOLLOWING SINGLE TRIGGER WRITE. VSG SHUT0 TO SHUT3 1 2 3 SINGLE TRIGGER WRITE OFF STATE ON STATE Figure 68. SHUT0 to SHUT3 Signal Programmability VD SUBCK SHUT PROGRAMMABLE SETTINGS: 1ACTIVE POLARITY. DEFINES THE LOGIC LEVEL DURING ON TIME. ABOVE EXAMPLE USES ACTIVE POLARITY = 1. 2ON POSITION IS PROGRAMMABLE DURING ANY EXPOSURE FIELD. ABOVE EXAMPLE USES SHUTON_FD = 1. 3OFF POSITION IS PROGRAMMABLE DURING ANY EXPOSURE FIELD. ABOVE EXAMPLE USES SHUTOFF_FD = 2. VSG SHUT0 TO SHUT3 1 2 3 EXPOSURE FIELD 0 EXPOSURE FIELD 1 EXPOSURE FIELD 2 OFF STATE ON STATE tEXP TRIGGER EXPOSURE SHUT_ON = 1 (ON) SHUT_ON = 0 (OFF) Figure 69. Manual Control of SHUT0 to SHUT3 Signals VD SUBCK SHUT PROGRAMMABLE SETTINGS: 1ACTIVE POLARITY. DEFINES THE LOGIC LEVEL DURING ON TIME. ABOVE EXAMPLE USES ACTIVE POLARITY = 1. 2ON POSITION IS PROGRAMMABLE DURING ANY EXPOSURE FIELD. ABOVE EXAMPLE USES SHUTON_FD = 1. 3OFF POSITION IS PROGRAMMABLE DURING ANY EXPOSURE FIELD. ABOVE EXAMPLE USES SHUTOFF_FD = 2. VSG SHUT0 TO SHUT3 1 2 3 TRIGGER EXPOSURE AND SHUT EXPOSURE FIELD 0 EXPOSURE FIELD 1 EXPOSURE FIELD 2 OFF STATE ON STATE tEXP Figure 70. Single Trigger Control of SHUT0 to SHUT3 Signals |