| Zakładka z wyszukiwarką danych komponentów |
|
ST7FL15F1MATRE Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FL15F1MATRE Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 138 page ![]() ST7L15, ST7L19 18/138 6 CENTRAL PROCESSING UNIT 6.1 INTRODUCTION This CPU has a full 8-bit architecture and contains six internal registers allowing efficient 8-bit data manipulation. 6.2 MAIN FEATURES ■ 63 basic instructions ■ Fast 8-bit by 8-bit multiply ■ 17 main addressing modes ■ Two 8-bit index registers ■ 16-bit stack pointer ■ Low power modes ■ Maskable hardware interrupts ■ Non-maskable software interrupt 6.3 CPU REGISTERS The six CPU registers shown in Figure 9 are not present in the memory mapping and are accessed by specific instructions. Accumulator (A) The Accumulator is an 8-bit general purpose reg- ister used to hold operands and the results of the arithmetic and logic calculations and to manipulate data. Index Registers (X and Y) In indexed addressing modes, these 8-bit registers are used to create either effective addresses or temporary storage areas for data manipulation. (The Cross-Assembler generates a precede in- struction (PRE) to indicate that the following in- struction refers to the Y register.) The Y register is not affected by the interrupt auto- matic procedures (not pushed to and popped from the stack). Program Counter (PC) The program counter is a 16-bit register containing the address of the next instruction to be executed by the CPU. It is made of two 8-bit registers PCL (Program Counter Low which is the LSB) and PCH (Program Counter High which is the MSB). Figure 9. CPU Registers ACCUMULATOR X INDEX REGISTER Y INDEX REGISTER STACK POINTER CONDITION CODE REGISTER PROGRAM COUNTER 70 1C 11H I N Z RESET VALUE = RESET VECTOR @ FFFEh-FFFFh 70 70 70 0 7 15 8 PCH PCL 15 8 70 RESET VALUE = STACK HIGHER ADDRESS RESET VALUE = 1X 11X 1X X RESET VALUE = XXh RESET VALUE = XXh RESET VALUE = XXh X = Undefined Value 1 |