| Zakładka z wyszukiwarką danych komponentów |
|
ST7FL15F1MATRE Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FL15F1MATRE Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 138 page ![]() ST7L15, ST7L19 24/138 SUPPLY, RESET AND CLOCK MANAGEMENT (cont’d) 7.4 MULTI-OSCILLATOR (MO) The main clock of the ST7 can be generated by four different source types coming from the multi- oscillator block (1 to 16 MHz): ■ An external source ■ Crystal or ceramic resonator oscillators ■ An internal high frequency RC oscillator The associated hardware configurations are shown in Table 4. Refer to Section 13 ELECTRI- CAL CHARACTERISTICS for more details. 7.4.1 External Clock Source In external clock mode, a clock signal (square, si- nus or triangle) with ~50% duty cycle must drive the OSC1 pin while the OSC2 pin is tied to ground. Note: When the Multi-Oscillator is not used, PB4 is selected by default as the external clock. 7.4.2 Crystal/Ceramic Oscillators In this mode, with a self-controlled gain feature, an oscillator of any frequency from 1 to 16 MHz can be placed on OSC1 and OSC2 pins. This family of oscillators has the advantage of producing a very accurate rate on the main clock of the ST7. In this mode of the multi-oscillator, the resonator and the load capacitors must be placed as close as possi- ble to the oscillator pins to minimize output distor- tion and start-up stabilization time. The loading ca- pacitance values must be adjusted according to the selected oscillator. These oscillators are not stopped during the RESET phase to avoid losing time in the oscillator start-up phase. 7.4.3 Internal RC Oscillator In this mode, the tunable 1% RC oscillator is the main clock source. The two oscillator pins must be tied to ground if dedicated to oscillator use, other- wise they are general purpose I/O. The calibration is done through the RCCR[7:0] and SICSR[6:5] registers. Table 4. ST7 Clock Sources Hardware Configuration OSC1 OSC2 EXTERNAL ST7 SOURCE OSC1 OSC2 LOAD CAPACITORS ST7 CL2 CL1 OSC1 OSC2 ST7 1 |