Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7FL15F1MATRE Arkusz danych(PDF) 40 Page - STMicroelectronics

Numer części ST7FL15F1MATRE
Szczegółowy opis  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MATRE Arkusz danych(HTML) 40 Page - STMicroelectronics

Back Button ST7FL15F1MATRE Datasheet HTML 36Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 37Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 38Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 39Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 40Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 41Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 42Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 43Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
ST7L15, ST7L19
40/138
POWER SAVING MODES (cont’d)
Similarities with Halt mode
The following AWUFH mode behavior is the same
as normal HALT mode:
– The MCU can exit AWUFH mode by means of
any interrupt with exit from Halt capability or a re-
set (see Section 9.4 HALT MODE).
– When entering AWUFH mode, the I bit in the CC
register is forced to 0 to enable interrupts. There-
fore, if an interrupt is pending, the MCU wakes
up immediately.
– In AWUFH mode, the main oscillator is turned
off, stopping all internal processing, including the
operation of the on-chip peripherals. None of the
peripherals are clocked except those which re-
ceive their clock supply from another clock gen-
erator (such as an external or auxiliary oscillator
like the AWU oscillator).
– The compatibility of Watchdog operation with
AWUFH mode is configured by the WDGHALT
option bit in the option byte. Depending on this
setting, the HALT instruction, when executed
while the Watchdog system is enabled, can gen-
erate a Watchdog RESET.
Figure 27. AWUF Halt Timing Diagram
AWUFH interrupt
fCPU
RUN MODE
HALT MODE
256 OR 4096 tCPU
RUN MODE
fAWU_RC
Clear
by software
tAWU
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More