Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button PCLV165BMPWREP Datasheet HTML 3Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 4Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 5Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 6Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 7Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 10Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6.8 Timing Requirements, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 7-1)
PARAMETER
TEST CONDITION
25°C
–55°C to 125°C
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration
CLK high or low
4
4
ns
SH/ LD low
5
6
tsu
Setup time
SH/ LD high before CLK↑
4
4
ns
SER before CLK↑
4
4
CLK INH before CLK↑
3.5
3.5
Data before SH/ LD↑
5
5
th
Hold time
SER data after CLK↑
0.5
0.5
ns
Parallel data after SH/ LD↑
1
1
SH/ LD high after CLK↑
0.5
0.5
Serial Shift
Inhibit
Load
E
QH
H
G
C
F
Data
Inputs
D
SH/LD
SER
CLK INH
CLK
B
A
Q
L
H
L
H
L
H
L
H
H
H
H
L
H
L
H
L
H
L
H
L
L
H
L
H
L
H
Figure 6-1. Typical Shift, Load, and Inhibit Sequences
www.ti.com
SN74LV165B-EP
SCES954A – JANUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74LV165B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com